Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC855 Datasheet(PDF) 13 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 13 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 9Page - Allen-Bradley TC855 Datasheet HTML 10Page - Allen-Bradley TC855 Datasheet HTML 11Page - Allen-Bradley TC855 Datasheet HTML 12Page - Allen-Bradley TC855 Datasheet HTML 13Page - Allen-Bradley TC855 Datasheet HTML 14Page - Allen-Bradley TC855 Datasheet HTML 15Page - Allen-Bradley TC855 Datasheet HTML 16Page - Allen-Bradley TC855 Datasheet HTML 17Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
13
100-K/104-K Miniature Contactors
Specifications
Table 5 - Short-Circuit Coordination Data(1)
(1)
See the Rockwell Automation Global SCCR Tool at rok.auto/sccr for complete short-
circuit current ratings.
100/104-K
05
09
12
Short Circuit Coordination (Max. Fuse or Circuit Breaker Rating) Per
IEC 60947-4-1 (contactor and fuses only)
DIN Fuses- gG, gL
50 kA Available Fault Current
Type "1" (690V)
[A]
35
35
35
Type "2" (400V)
[A]
16
20
20
Per UL 508 and CSA 22.2 No. 14 (contactor and fuses or circuit breaker only)
UL Class K5 and RK5 Fuses
5 kA Available Fault Current
UL Listed Combination (600V)
[A]
40
40
40
UL Class CC and CSA HRCI-MISC Fuses
50 kA Available Fault Current
UL Listed Combination (600V)
[A]
30
30
30
UL Class J and CSA HRCI-J Fuses
50 kA Available Fault Current
UL Listed Combination (600V)
[A]
30
30
30
Table 6 - Coil Data
100/104-K
05
09
12
Operating Limits
50 Hz, 60 Hz, 50/60 Hz
pick-up
[x Us]
0.85…1.1
dropout
[x Us]
0.2…0.75
DC (conventional)
pick-up
[x Us]
0.8…1.1
0.7…1.25(1)
(1)
For 9, 12, 24, and 110V DC coils
dropout
[x Us]
0.1…0.75
Coil Consumption
50 Hz, 60 Hz, 50/60 Hz
pick-up
[VA]
35
hold-in
[VA/W]
5/1.8
DC (conventional)
pick-up
[W]
cold 3.0, warm 2.6
hold-in
[W]
cold 3.0, warm 2.6
Operating Times
AC
closing delay
[ms]
15…40
opening delay
[ms]
15…33
With RC module
closing delay
[ms]
15…28
DC (conventional)
opening delay
[ms]
18…40
closing delay
[ms]
6…12
With integrated diode
opening delay
[ms]
8…12
With external diode
opening delay
[ms]
35…50
Table 7 - Auxiliary Contacts and Auxiliary Contact Blocks
Conventional Coils
Internal
Front
mounted
Switching of AC Loads
AC-12 Ith
at 40 °C (104 °F)
[A]
10
10
at 60 °C (140 °F)
[A]
6
6
AC-15 at rated voltage of
24V
[A]
6
3
42/48V
[A]
6
3
120V
[A]
6
3
230V
[A]
3
2
240V
[A]
3
2
400V
[A]
1.8
1.2
415V
[A]
1.8
1.2
500V
[A]
1.4
1.0
690V
[A]
1.0
0.6
Switching of DC Loads
DC-12 L/R < 1 ms resistive
loads at
24V DC
[A]
6
—
48V DC
[A]
4
—
110V DC
[A]
0.6
—
220V DC
[A]
0.2
—
440V DC
[A]
0.08
—
DC-14L/R <15 ms inductive
loads with economy resistor in
series at
24V DC
[A]
4
—
48V DC
[A]
2.5
—
110V DC
[A]
0.4
—
220V DC
[A]
0.12
—
440V DC
[A]
0.05
—
DC-13 switching
electromagnets at
24V DC
[A]
2.8
2.3
48V DC
[A]
1.2
1
110V DC
[A]
0.55
0.55
220V DC
[A]
0.27
0.27
440V DC
[A]
0.15
0.15
Fuse gG
[A]
10
10
[A]
10
10
Min. switching capacity according to IEC 60947-5-4
15V/ 10 mA
15V/ 2 mA
Load Carrying Capacity per UL/CSA
Rated voltage
AC
[V]
max.600
Continuous rating
at 40 °C (104 °F)
[A]
10
Switching capacity
AC
[A]
A600
B600
Rated voltage
DC
[V]
max.600
Switching capacity
DC
[A]
Q600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com