Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC855 Datasheet(PDF) 44 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 44 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 40Page - Allen-Bradley TC855 Datasheet HTML 41Page - Allen-Bradley TC855 Datasheet HTML 42Page - Allen-Bradley TC855 Datasheet HTML 43Page - Allen-Bradley TC855 Datasheet HTML 44Page - Allen-Bradley TC855 Datasheet HTML 45Page - Allen-Bradley TC855 Datasheet HTML 46Page - Allen-Bradley TC855 Datasheet HTML 47Page - Allen-Bradley TC855 Datasheet HTML 48Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 114 page
background image
44
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
100-C/104-C, 100S-C/104S-C, 100Q-C Contactors
Specifications
Table 17 - Conductors
100/104-C, 100S/104S-C
09
12
16
23
30
37
40
43
55
60
72
85
90
97
Coil Type:
Conventional
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Electronic — EI
X
X
X
X
X
X
X
X
X
—
—
—
—
—
Conductor Cross Sections - Main Contacts Terminal type
(1)
(1)
Pozidriv No. 2 / Blade No. 3 screw
(2)
(2) Pozidriv No. 2 / Blade No. 4 screw
(3)
(3) Hexagonal socket screw
1 conductor
[mm2]
1…4
2.5…10
2.5…16
2.5…35
2 conductors
[mm2]
1…4
2.5…10
2.5…10
2.5…25
1 conductor
[mm2]
1.5…6
2.5…16
2.5…25
2.5…50
2 conductors
[mm2]
1.5…6
2.5…16
2.5…16
2.5…35
Recommended torque
[N•m]
1.5…2.0
2.5…3.5
2.5…3.5
4.5…6
Cross section per UL/CSA
[AWG]
16…10
14…4
14…6
14…4
14…1
Recommended torque
[lb•in]
13.3…17.7
22…31
22…31
40…53
Conductor Cross Sections - Coil Terminal type
(1)
1 conductor
[mm2]
1…2.5
2 conductors
[mm2]
1…2.5
1 conductor
[mm2]
1…4
2 conductors
[mm2]
1…4
Recommended torque
[N•m]
1…1.5
Cross section per UL/CSA
[AWG]
16…12
Recommended torque
[lb•in]
9…13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com