Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-G05012CD Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8FS-G05012CD
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G05012CD Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8FS-G05012CD Datasheet HTML 1Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 2Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 3Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 4Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 5Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 6Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 7Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 8Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
Switch Mode Power Supply
S8FS-G (15/30/50/100/150/300/600-W Models)
Superior Basic Performance That
Ensures Reliability. Wide Range
of Standards Certification and
Greater Usability.
• Superior basic performance that ensures reliability
Ambient temperatures up to 70°C, greater
resistance to rusting with aluminum/stainless steel
case, and applications at altitudes up to 3,000 m.
• Certification for Global Standards
North America: UL 508 (Listing)
*, CSA C22.2
Europe: Overvoltage Category III (EN 50178)
EMI: Class B (EN 61204-3)
No need for control circuit transformers for which the
Machinery Directive is specified. (EN/IEC 61558-2-16)
* Refer to pages 4 to 10 for certified models.
• Greater Usability
The Terminal Block Cover prevents screws from
dropping out and the Front Cover prevents
ingress of foreign matter.
Lineup
Model Number Structure
Model Number Legend
Note: Not all combinations are possible. Refer to List of Models in Ordering Information, below.
! Refer to
Safety Precautions for All Power Supplies
and Safety
Precautions
on page 29.
Output voltage
Power rating
15 W
30 W
50 W
100 W
150 W
300 W
600 W
5 V
Yes
Yes
Yes
Yes
Yes
---
---
12 V
Yes
Yes
Yes
Yes
Yes
Yes
Yes
15 V
Yes
Yes
Yes
Yes
Yes
Yes
Yes
24 V
Yes
Yes
Yes
Yes
Yes
Yes
Yes
48 V
---
---
---
---
Yes
Yes
Yes
12
3
4
5
6
7
S8FS-
G@@@ @@ @ @-@ @ @
1. Power Ratings
015: 15 W
030: 30 W
050: 50 W
*1
100: 100 W
*2
150: 150 W
*3
300: 300 W
600: 600 W
3. Configuration
C:
With cover/Direct mounting
CD: With cover/DIN Rail mounting
4. Option (1)
None: Screw terminal block
E:
Connectors
*4
2. Output voltage
05: 5 V
12: 12 V
15: 15 V
24: 24 V
48: 48 V
5. Option (2)
*5
None: None
W:
Parallel operation
6. Option (3)
*6
None: None
R:
Remote control
7. Option (4)
*7
None: None
H:
Extended hold time
*1. The output electric power is 40 W for products with an output voltage of 5 V.
*2. The output electric power is 80 W for products with an output voltage of 5 V.
*3. The output electric power is 105 W for products with an output voltage of 5 V.
*4. Applicable only for 150 W or less and 24 V.
*5. Applicable only for 600 W and 24 V.
*6. Applicable only for 100 W or more and 24 V.
*7. Applicable only for 300 W or more and 24 V.


Similar Part No. - S8FS-G05012CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8FS-C OMRON-S8FS-C Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
S8FS-C01505D OMRON-S8FS-C01505D Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
S8FS-C01505J OMRON-S8FS-C01505J Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
S8FS-C01512D OMRON-S8FS-C01512D Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
S8FS-C01512J OMRON-S8FS-C01512J Datasheet
9Mb / 42P
Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
More results

Similar Description - S8FS-G05012CD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-050 SANYO-STK400-050 Datasheet
532Kb / 9P
AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
logo
List of Unclassifed Man...
SP15 ETC1-SP15 Datasheet
314Kb / 2P
15 AND 30 WATT TRIIPLE OUTPUT MODELS
logo
Volgen Kaga Electronics...
SP15U-0522T VOLGEN-SP15U-0522T Datasheet
319Kb / 2P
15 AND 30 WATT TRIIPLE OUTPUT MODELS
logo
CUI INC
VDRS-100 CUI-VDRS-100 Datasheet
268Kb / 4P
100 W MINI POWER SUPPLY
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
Switch Mode Power Supply
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
Switch Mode Power Supply
logo
List of Unclassifed Man...
FSA150018A ETC2-FSA150018A Datasheet
175Kb / 3P
150 W ITE Open Frame Power Supply
logo
Bel Fuse Inc.
110RCM150-24DMQFK BEL-110RCM150-24DMQFK Datasheet
3Mb / 14P
150 /300 W DC-DC Converters
logo
Microchip Technology
VRF2933 MICROCHIP-VRF2933 Datasheet
438Kb / 14P
50 V, 300 W, 150 MHz RF Power MOSFET
Rev. A - 02/2022
logo
Omron Electronics LLC
S8VK-T OMRON-S8VK-T Datasheet
4Mb / 20P
Switch Mode Power Supply (120/240/480/960 W Models)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com