Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-G05012CD Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # S8FS-G05012CD
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G05012CD Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button S8FS-G05012CD Datasheet HTML 19Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 20Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 21Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 22Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 23Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 24Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 25Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 26Page - Omron Electronics LLC S8FS-G05012CD Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
S8FS-G
23
150W
28.5
8.2
9.5
3.5
22
117±0.5
10.5
18±0.5
28.5
19
6.5
4.5
150±0.5
78±0.5
152.5±0.5
159±1
24
(14.3)
13±0.5
38±1
97±1
84.5±0.5
5.5
32
3.5
Three, M3 (Depth 6 mm max.)
3.5 dia.
3.5 dia.
Seven, M3.5
Two, M3
(Depth 5 mm max.)
S8FS-G150
@@C
Panel mounting holes dimensions
Using the mounting holes in the
Power Supply
Using the screw holes in the
Power Supply
Side
Mounting
Bottom
Mounting
152.5±0.5
84.5±0.5
Two, M3
78±0.5
Two, 3.5 dia.
150±0.5
13±0.5
Three, M3
117±0.5
8.5±0.5
18±0.5
Three, 3.5 dia.
177.7±1
5
8.2
9.5
(14.3)
49.1
47.9
39.2±1
3.9
(Sliding:
6.6 max.)
5 max.
Seven, M3.5
S8FS-G150
@@CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com