Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6541TR Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6541TR
Description  Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6541TR Datasheet(HTML) 7 Page - MOSA ELECTRONICS

  MS6541TR Datasheet HTML 1Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 2Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 3Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 4Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 5Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 6Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 7Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MOSA
MS6544/6541
Class AB Stereo Headphone Driver with Mute
REV 1
7
www.mosanalog.com.tw
APPLICATION INFORMATION
Low voltage application
100k
1u
90k
1u
V
INA
VTM
47u
32
32
47u
1u
V
INB
1u
H : Active
L : Mute
7
6
5
8
2
3
4
1
MUTE
BIAS
90k
90k
6dB
6dB
VDD=3.3V
0.1u
100u
200p
90k
200p
f
-3dB
= 17.6kHz
DC
gain
= 1
Headphone
Headphone
10
Fig.1
The 1st order low pass filter for MP3 solution with MS6544.
100k
1u
1u
V
INA
VTM
47u
32
32
47u
1u
V
INB
1u
H : Active
L : Mute
7
6
5
8
2
3
4
1
MUTE
BIAS
90k
(180k)
90k
(180k)
6dB
(0dB)
6dB
(0dB)
0.1u
100u
DC
gain
= 2 for MS6544
DC
gain
= 1 for MS6541
Headphone
Headphone
VDD=3.3V
10
Fig.2
The MP3 solution .



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com