Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS6541TR Datasheet(PDF) 8 Page - MOSA ELECTRONICS

Part # MS6541TR
Description  Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6541TR Datasheet(HTML) 8 Page - MOSA ELECTRONICS

  MS6541TR Datasheet HTML 1Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 2Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 3Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 4Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 5Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 6Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 7Page - MOSA ELECTRONICS MS6541TR Datasheet HTML 8Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MOSA
MS6544/6541
Class AB Stereo Headphone Driver with Mute
REV 1
8
www.mosanalog.com.tw
EXTERNAL DIMENSIONS
H
E
D
A
A1
e
B
C
L
14
5
8
Dimension in mm Dimension in inch
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.0075
0.0098
D
4.80
5.00
0.1890
0.1968
H
5.80
6.20
0.2284
0.2440
E
3.80
4.00
0.1497
0.1574
e
1.27 BSC
0.050 BSC
L
0.40
1.27
0.016
0.050
SOP8
TAPE AND REEL
(Unit : mm)
3.0
3.6
12.0
6.9
8.0
5.5
1.75
5.4
2.0
4.0
1.5+0.1/-0.0 DIA
0.5 Radius Typical
1.5 MIN
0.30
0.3R MAX
1.7
2.0
0.05
0.05
0.05
0.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com