| Electronic Components Datasheet Search |
|
ES25P40 Datasheet(PDF) 7 Page - Excel Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
ES25P40 Datasheet(HTML) 7 Page - Excel Semiconductor Inc. |
|
7 / 35 page ![]() ES I ES I 7 Rev. 0D May 11 , 2006 ES25P40 Excel Semiconductor inc. ADVANCED INFORMATION Protection Modes The SPI memory device boasts the following data protection mechanisms 1) All instructions that modify data must be preceded by a Write Enable(WREN) instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state by the following events : - Power-up - WRDI instruction completion - WRSR instruction completion - PP instruction completion - SE instruction completion - BE instruction completion 2) The Block Protect (BP2, BP1, BP0) bits allow part of the memory to be configured as read-only. This is the Software Protected Mode (SPM). 3) The Write Protect (W#) signal works in coopera- tion with the Status Register Write Disable (SRWD) bit to enable write-protection. This is the Hardware Protected Mode (HPM). 4) Program, Erase and Write Status Register instruc- tions are checked to verify that they consist of a number of clock pulses that is a multiple of eight, before they are accepted for execution. If the falling edge does not coincide with Serial Clock (SCK) being Low, the Hold condition starts after Serial Clock (SCK) next goes Low. Similarly, If the rising edge does not coincide with Serial Clock (SCK) being Low, the Hold condition ends after Serial Clock (SCK) next goes Low (Figure 3). During the Hold condition, the Serial Data Output (SO) is high impedance, and Serial Data Input (SI) and Serial Clock (SCK) are Don’t Care. Normally, the device remains selected, with Chip Select (CS#) driven Low, for the entire duration of the Hold condition. This ensures that the state of the internal logic remains unchanged from the moment of entering the Hold condition. If Chip Select (CS#) goes High while the device is in the Hold condition, this has the effect of resetting the internal logic of the device. To restart communication with the device, it is necessary to drive Hold (HOLD#) High, and then to drive Chip Select (CS#) Low. This prevents the device from going back to the Hold condition. Table 1. Protected Area Sizes Protected Memory Area (Top Level) Status Register Content Memory Content BP2 Bit BP1 Bit BP0 Bit Protected Area Unprotected Area 0 0 0 0 none 00000 ~ 7FFFF 1 / 8 0 0 1 70000 ~ 7FFFF 00000 ~ 6FFFF 1 / 4 0 1 0 60000 ~7FFFF 00000 ~ 5FFFF 1 / 2 0 1 1 40000 ~ 7FFFF 00000 ~ 3FFFF All 1 0 0 00000 ~ 7FFFF + parameter page none All 1 0 1 00000 ~ 7FFFF + parameter page none All 1 1 0 00000 ~ 7FFFF + parameter page none All 1 1 1 00000 ~ 7FFFF + parameter page none |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |