Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES25P40 Datasheet(PDF) 19 Page - Excel Semiconductor Inc.

Part # ES25P40
Description  4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES25P40 Datasheet(HTML) 19 Page - Excel Semiconductor Inc.

Back Button ES25P40 Datasheet HTML 15Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 16Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 17Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 18Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 19Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 20Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 21Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 22Page - Excel Semiconductor Inc. ES25P40 Datasheet HTML 23Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
ES I
ES I
19
Rev. 0D May 11 , 2006
ES25P40
Excel Semiconductor inc.
ADVANCED INFORMATION
Sector Erase (SE)
The Sector Erase (SE) instruction sets to 1 (FFh) all
bits inside the chosen sector. Before it can be
accepted, a Write Enable (WREN) instruction must
previously have been executed. After the Write
Enable (WREN) instruction has been decoded, the
device sets the Write Enable Latch (WEL).
The Sector Erase (SE) instruction is entered by driv-
ing Chip Select (CS#) Low, followed by the instruc-
tion code, and three address bytes on Serial Data
Input (SI). Any address inside the Sector (see Table
1) is a valid address for the Sector Erase (SE)
instruction. Chip Select (CS#) must be driven Low for
the entire duration of the sequence.
The instruction sequence is shown in Figure 14.
Chip Select (CS#) must be driven High after the
eighth bit of the last address byte has been latched
in, otherwise the Sector Erase (SE) instruction is
not executed. As soon as Chip Select (CS#) is
driven High, the self-timed Sector Erase cycle
(whose duration is tSE) is initiated. While the Sector
Erase cycle is in progress, the Status Register may
be read to check the value of the Write In Progress
(WIP) bit. The Write In Progress (WIP) bit is 1 dur-
ing the self-timed Sector Erase cycle, and is 0 when
it is completed. At some unspecified time before the
cycle is completed, the Write Enable Latch (WEL)
bit is reset.
A Sector Erase (SE) instruction applied to any
memory area that is protected by the Block Protect
(BP2, BP1, BP0) bits (see Table 1) is not executed.
0
1
2
3
4
5
6
7
8
9
10
28
29
30
31
Figure 14. Sector Erase (SE) Instruction Sequence
SCK
CS#
SI
MSB
Instruction
24-Bit Address
1
1
0
1
1
0
0
0
23 22 21
2
1
0
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com