Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2272A Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # TMC2272A
Description  Digital Colorspace Converter 36 Bit Color, 50 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2272A Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button TMC2272A Datasheet HTML 6Page - Fairchild Semiconductor TMC2272A Datasheet HTML 7Page - Fairchild Semiconductor TMC2272A Datasheet HTML 8Page - Fairchild Semiconductor TMC2272A Datasheet HTML 9Page - Fairchild Semiconductor TMC2272A Datasheet HTML 10Page - Fairchild Semiconductor TMC2272A Datasheet HTML 11Page - Fairchild Semiconductor TMC2272A Datasheet HTML 12Page - Fairchild Semiconductor TMC2272A Datasheet HTML 13Page - Fairchild Semiconductor TMC2272A Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PRODUCT SPECIFICATION
TMC2272A
10
REV. 1.1.3 10/25/00
Switching Characteristics
Parameter
Conditions
Min
Typ
Max
Units
tDO
Output Delay Time
CLOAD = 25 pF
15
ns
tHO
Output Hold Time
CLOAD = 25 pF
3
ns
Applications Discussion
The TMC2272A can convert between any two three-coordinate
colorspaces with the selection of the proper coefficients. Sets
of coefficients for some popular colorspace conversions are
presented below.
By concatenating coefficient matrices of single transforma-
tions, the user can program the TMC2272A to perform
compound transforms efficiently. For example, given an
RGB input, correction of the relative values of R and B, for
color temperature, conversion to YIQ, modification of
contrast by changing Y, and conversion back to RGB can be
performed as quickly and easily as any simple transformation.
To calculate the final set of coefficients from the coefficients
of the individual transformations, the procedure in Figure 7
(concatenation) is used. If more than two matrices are to be
combined, the result from the concatenation of the first two
matrices is concatenated with the third. If more matrices
must be incorporated in the final function, the last step is
repeated.
Figure 7. Concatenation
AB
C
DE
F
GH
I
JK
L
MN
O
PQ R
AJ + BM + CP
DJ + EM + FP
GJ + HM + IP
AK + BN + CQ
DK + EN + FQ
GK + HN + IQ
AL + BO + CR
DL + EO + FR
GL + HO + IR
=
Converting from GBR to YCBCR
With the right coefficients, two external NOT gates, and an
external 4-bit half-adder, the TMC2272A can convert video
data from 8-bit full-scale (e.g. VGA) GBR components to 10-
bit YCBCR components.
Table 3. 10-bit component formats and
inclusive ranges.
The analog defining equations for 1 Volt luminance and ±0.5
Volt color difference components are:
Y = + 0.5870 (G) + 0.1140 (B) + 0.2990 (R)
B – Y = – 0.3313 (G) + 0.5000 (B) – 0.1687 (R)
R – Y = – 0.4187 (G) – 0.0813 (B) + 0.5000 (R)
To translate these equations into the digital domain, note that
the ranges of R, G, and B are 0 to 255 instead of 0 to 1, the
range of Y is 64 to 940 instead of 0 to 1, and the ranges of U
and V are 64 to 960 instead of +/-0.5:
Y
= (876/255)(0.587(G)+0.114(B)+0.299(R))+64
= 2.01652 (G)+0.39162(B)+1.02715(R) +64
CB = (896/255)(0.3313(G)+0.5(B)-0.1687(R))+512
= -1.16397(G)+1.75686(B)-0.59289(R)+512
CR = (896/255)(-0.4187(G)-0.0813(B)+0.5(R))+512
= -1.47115(G)-0.28571(B)+1.75686(B))+512
Let Y'=Y-64, U'=CB-512, and V'=CR - 512. The TMC2272A
will compute Y', U', and V'. Adding 64 (040h) externally to Y'
will then yield Y, whereas inverting the most significant bits of
U' and V', U'9 and V'9, will yield CB and CR, respectively.
Multiplying the equations immediately above by 128 and
rounding each coefficient to the nearest integer yields the rec-
ommended set of coefficients for GBR to YUV conversion.
Color Space Term
Range
Format
Y
Luminance
64-940
magnitude
Y'
Y - 64
0-876
magnitude
CB
Color difference,
Blue
64-960
magnitude
U'
CB - 512
±448
2’s comp
CR
Color difference,
Red
64-960
magnitude
V'
CR - 512
±448
2’s comp
GBR
Green, Blue, Red
components
0-255
magnitude,
8-bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com