Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2272A Datasheet(PDF) 13 Page - Fairchild Semiconductor

Part # TMC2272A
Description  Digital Colorspace Converter 36 Bit Color, 50 MHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TMC2272A Datasheet(HTML) 13 Page - Fairchild Semiconductor

Back Button TMC2272A Datasheet HTML 9Page - Fairchild Semiconductor TMC2272A Datasheet HTML 10Page - Fairchild Semiconductor TMC2272A Datasheet HTML 11Page - Fairchild Semiconductor TMC2272A Datasheet HTML 12Page - Fairchild Semiconductor TMC2272A Datasheet HTML 13Page - Fairchild Semiconductor TMC2272A Datasheet HTML 14Page - Fairchild Semiconductor TMC2272A Datasheet HTML 15Page - Fairchild Semiconductor TMC2272A Datasheet HTML 16Page - Fairchild Semiconductor TMC2272A Datasheet HTML 17Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TMC2272A
PRODUCT SPECIFICATION
REV. 1.1.3 10/25/00
13
Since Y = 256, U = V = 0, and G = B = R = 255 for saturated
white output, every Y coefficient will be 255 / 255=1.0. The
full matrix for YUV to GBR conversion is:
G = 1.0 (Y)
-0.3443 (U)
-0.7142 (V)
B = 1.0 (Y)
+1.7727 (U)
R = 1.0 (Y)
+1.3965 (V)
Since the largest element is over 1.0 and the largest permissi-
ble coefficient is 511, multiply all elements of the matrix by
256 to obtain the values to load into the TMC2272A:
G =
256 (Y')
- 88 (U')
- 83 (V')
dec.
100
3A8
349
hex
B =
256 (Y')
+ 454 (U')
dec.
100
1C6
hex
R =
256 (Y')
+ 359 (V')
dec.
100
167
hex
For the YUV to RGB conversion, the TMC2272A input data
alignment for 10-bit Y'U'V' is:
0
Y9Y8Y7Y6Y5Y4Y3Y2Y1Y00
U9 U9 U8 U7 U6 U4 U4 U3 U2 U1 U0 0
V9 V9 V8 V7 V6 V5 V4 V3 V2 V1 V0 0
where the doubled U9 and V9 sign bits denote two’s comple-
ment sign extensions. The TMC2272A output data align-
ment for 8-bit GBR is then:
0000G7 G6 G5 G4 G3 G2 G1 G0
0000B7 B6 B5 B4 B3 B2 B1 B0
0000R7 R6 R5 R4 R3 R2 R1 R0
Note that the inputs have to be doubled because the coeffi-
cient gain is 256, whereas the internal gain is 1 / 512, for a
net gain of 1/2.
Table 5. Summary of Colorspace Conversion Coefficients
Table 6. Conversion Port Assignments and Alignments
Where XY-0 denotes right-justified, (e) denotes sign extension, and XY-1 denotes shifted one bit leftward from a right-justified
position.
Conversion
KAX
KAY
KAZ
KBX
KBY
KBZ
KCX
KCY
KCZ
RGB to YUV
099
3AA
100
12D
356
32A
03A
100
3D6
RGB to YCBCR
083
3B4
0E1
102
36B
344
032
0E1
3DB
YUV to RGB
100
100
100
000
3A8
1C6
167
349
000
YCBCR to RGB
149
149
149
000
3CE
102
0CC
398
000
Port
AIN
BIN
CIN
XOUT
YOUT
ZOUT
RGB to YUV
R7-0
G7-0
B7-0
Y7-0
U7-0(e)
V7-0(e)
RGB to YCBCR
R7-0
G7-0
B7-0
Y9-0
U9-0(e)
V9-0(e)
YUV to RGB
Y8-1(e)
U8-1(e)
V8-1(e)
R7-0
G7-0
B7-0
YCBCR to RGB
Y9-0
CB9-0(e)
CR9-0(e)
R7-0
G7-0
B7-0
HSV (HSI) Format Conversions
HSV (or HSI) refers to Hue (color), Saturation (vividness),
and Value (intensity or brightness), quantities which are
directly related to the human perception of light and color.
The V (or I) levels are simply the Y (or luminance) levels.
Hue and Saturation are derived from the R-Y and B-Y color
difference values of a signal.
HSV Calculations:
Value (V) = Intensity (I) = Y
Hue (H) = Arctan (B-Y/R-Y)
Saturation (S) =
R-Y = S*cos(H)
B-Y = S*sin(H)
One may use two 64Kx8 ROM look-up-tables to calculate
Hue and Saturation from R-Y and B-Y in an 8-bit system.
However, the finite size of this LUT may limit performance,
especially if the TMC2272A’s full precision is used. The
TMC2330A, developed to translate between rectangular and
polar coordinates, can perform the trigonometric transforma-
tions to 16 bit precision at 50MHz. These calculations are
the same as required in HSV calculations. A 4 Gigabyte x 32
bit LUT can achieve the same accuracy and precision as the
TMC2330A, if it is programmed correctly.
RY
()
2
BY
()
2
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com