Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMSA-461 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMSA-461
Description  EMI INPUT FILTER 28 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMSA-461 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMSA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 6Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
TYPICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
Input Voltage
• 0 to 50 VDC continuous
• 80 V for 100 ms transient
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +150°C
FMSA EMI FILTER
0.8 AMP
Input Voltage Range
• 16 to 40 VDC continuous
Case Operating Temperature (Tc)
• –55°C to +125°C full power
Derating Input/Output Current
• Derate linearly from 100% at 100°C to 0.60
amps at 125°C case. Above 125°C derate to 0%.
Electrical Characteristics: 25°C Tc, nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
Capacitance
• 0.045 µF max, any pin to case
Isolation
• 100 megohm minimum at 500 V
• Any pin to case, except case pin
2
F
6800 pF
500 V
6800 pF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
FMSA-461
>285
H
6
H
2
F
0.014
F / 500 V
20
20
0.65
6
H
0.014
F / 500 V
0.014
F / 500 V
x 2
x 2
FIGURE 1: SCHEMATIC – TYPICAL VALUES
FMSA-461
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
CONTINUOUS
0
28
40
VDC
TRANSIENT1, 100 ms
—
—
80
V
INPUT CURRENT1
—
—
0.80
A
NOISE REJECTION
500 kHz
50
—
—
dB
1 MHz
50
—
—
NOISE REJECTION
5 MHz
45
—
—
dB
DC RESISTANCE (RDC)
TC = 25°C
—
—
1.2
Ω
OUTPUT VOLTAGE
STEADY STATE
VOUT = VIN - IIN (RDC)
VDC
OUTPUT CURRENT
STEADY STATE (<100°C CASE)
—
—
0.80
A
INTERNAL POWER
DISSIPATION
MAXIMUM CURRENT
—
—
0.96
W
The case ground connection between the filter and the converter should be as low an impedance as possible
to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.
Notes:
1. Guaranteed by design, not tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com