Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMSA-461 Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FMSA-461
Description  EMI INPUT FILTER 28 VOLT INPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMSA-461 Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FMSA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 6Page - Interpoint Corporation Company FMSA-461 Datasheet HTML 7Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PIN OUT
MODEL NUMBERING KEY
Squared corner and
dot on top of cover
indicate pin one.
13
84
7
2
65
BOTTOM
VIEW
FMSA
FMSA - 461
/
883
Base Model
MIL-STD-461 Reference
Screening
(Standard screening has no designator
in this position.)
EMI INPUT FILTERS
See cases “A maximum dimensions” and “A1” for dimensions.
Pin
Designation
1
Positive Input
2, 3
Positive Output
4
Case Ground
5, 6
Output Common
7
Input Common
8
Case Ground
FIGURE 3: PIN OUT
DSCC NUMBER
DSCC DRAWING
(5915)
96003-01HXC
FMSA
-461 FILTER
SIMILAR PART
FMSA-461/883
For exact specifications for a DSCC product, refer to the
DSCC drawing: http://www.dscc.dla.mil/programs/smcr
FMSA EMI FILTER
0.8 AMP
RL
Positive
Output
FMSA-461
Positive
Input
Input
Common
Case
Ground
Output
Common
C
R
DC/DC Converter
Input
Common
Case
Ground
Output
Common
RL
Multiple units
allowed up to
rated output current.
The RC output is an optional
damping circuit. It is recommended in
applications where 80 volt line
transients may occur with rise times
<200 s. See text page one
"Connection and Operation."
C = 10 F, 100V –
C = Sprague 109D106X9100C2
R = 2.2
, 5%, 1/4 W, Carbon comp.
Positive
Input
Positive
Output
FIGURE 2: DAMPING CIRCUIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com