Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101T8 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM32F101T8
Description  Leading-edge architecture with Cortex-M3 core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101T8 Datasheet(HTML) 4 Page - STMicroelectronics

  STM32F101T8 Datasheet HTML 1Page - STMicroelectronics STM32F101T8 Datasheet HTML 2Page - STMicroelectronics STM32F101T8 Datasheet HTML 3Page - STMicroelectronics STM32F101T8 Datasheet HTML 4Page - STMicroelectronics STM32F101T8 Datasheet HTML 5Page - STMicroelectronics STM32F101T8 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image

High level of integration
■
Built-in supervisor reduces need for external
components:
■
Power-on reset, low voltage detect, brown-out
detect, watchdog timer with independent clock
■
One main crystal drives entire system:
■
Inexpensive 4-16 MHz crystal drives CPU, USB
and all peripherals
■
Embedded PLL generates multiple frequencies
■
Optional 32 kHz crystal for RTC
■
Embedded factory trimmed 8 MHz RC can be used
as main clock
■
Additional low-frequency RC for RTC or watchdog
■
Only 7 external passive components required for base
system on LQFP100 package
7 power capacitors only!
The need for speed
USB
12 Mbit/s
USART
up to 4.5 Mbit/s
SPI
18 MHz master and slave
I2C
400 kHz
GPIO
18 MHz maximum toggle
PWM timer
72 MHz clock input
Superior and innovative peripherals
The STM32 benefits from a dual advanced peripheral
bus (APB) architecture, one of which is a high-speed
APB (up to CPU frequency). Peripherals have been
connected on this bus to increase peripheral speed:
Motor control
The STM32 Performance line embeds timers and
ADC features that are perfectly suited to three-phase
brushless motor control. The advanced control PWM
timer offers:
■
Six outputs
■
Dead-time generation
■
Edge-aligned and center-aligned waveforms
■
Emergency stop and synchronization capability
with the dual ADC, synchronization capability with
other timers
■
Programmable smoke inhibit feature to protect
registers against unwanted writing
■
Encoder input
■
Hall effect sensors interface
■
Total vector control loop: 21 µs in sensorless mode
The dual ADC architecture allows dual sample and
hold capability with 12-bit resolution, 1 µs conversion
time. The dual ADC is controlled by two independent
sequencers with discontinuous mode, multiple trigger
sources, and channel-by-channel programmable
sampling time.
This dedicated set of peripherals combined with the
high performance of the Cortex-M3 core allows your
software to shorten the total vector control loop to
21 µs (sensorless mode, three-phase PMSM motor).
The CPU load is below 25% at 10 kHz current sampling
frequency, allowing the STM32 to perform other tasks
than motor control in the application.
Supporting tools include the STM32 motor control
starter kit (STM3210B-MCKIT), a complete hardware
platform and ready-to-run demo based on the STM32
motor control firmware library. It allows rapid feature
evaluation and easy implementation of sensor and
sensorless vector-based motor control for three-phase
PMSM and AC induction motors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com