Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101T8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F101T8
Description  Leading-edge architecture with Cortex-M3 core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101T8 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F101T8 Datasheet HTML 1Page - STMicroelectronics STM32F101T8 Datasheet HTML 2Page - STMicroelectronics STM32F101T8 Datasheet HTML 3Page - STMicroelectronics STM32F101T8 Datasheet HTML 4Page - STMicroelectronics STM32F101T8 Datasheet HTML 5Page - STMicroelectronics STM32F101T8 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

STM32F10x portfolio
72 MHz Cortex-M3 CPU – wide
selection of devices:
■
6 Kbyte to 20 Kbyte SRAM
■
Two lines: Performance and Access
■
Pin-to-pin, software and peripheral
compatibility across family
■
2.0 to 3.6 V power supply/
5 V tolerant I/Os
■
-40 to +85 °C or up to 105 °C
operating temperature range
STM32, the optimal platform choice
The STM32 is an optimal choice to support
many applications with the same platform:
■
From reduced memory and pin requirements to
larger needs
■
From performance demanding to battery operated
■
From simple cost-sensitive to complex high-value
The high level of pin-to-pin, peripheral and software
compatibility across the family gives you full flexibility.
You can upgrade to a higher or downgrade to a lower
memory size, or use different packages without
changing your initial layout or software.
Device summary
Part number
Program
memory
type
Prog.
(Bytes)
RAM
(Bytes)
Timer functions
Serial interface
I/Os
(High
current)
Packages
Supply
voltage
Flash
12 or 16-bit
(IC/OC/PWM)
Others
STM32 (ARM Cortex-M3) - 32-bit microcontrollers
36
pins
STM32F101T6
•
32 K
6 K
2x16-bit (8/8/8)
2xWDG,
RTC,
24-bit
down
counter
1xSPI/1xI²C/2xUSART*
26(26)
QFN36
2 to 3.6 V
STM32F101T8
•
64 K
10 K
3x16-bit (12/12/12)
2xSPI/2xI²C/3xUSART*
26(26)
QFN36
2 to 3.6 V
48
pins
STM32F101C6
•
32 K
6 K
2x16-bit (8/8/8)
1xSPI/1xI²C/2xUSART*
36(36)
LQFP48
2 to 3.6 V
STM32F101C8
•
64 K
10 K
3x16-bit (12/12/12)
2xSPI/2xI²C/3xUSART*
36(36)
LQFP48
2 to 3.6 V
STM32F101CB
•
128 K
16 K
3x16-bit (12/12/12)
2xSPI/2xI²C/3xUSART*
36(36)
LQFP48
2 to 3.6 V
64
pins
STM32F101R6
•
32 K
6 K
2x16-bit (8/8/8)
1xSPI/1xI²C/2xUSART*
51(51)
LQFP64
2 to 3.6 V
STM32F101R8
•
64 K
10 K
3x16-bit (12/12/12)
2xSPI/2xI²C/3xUSART*
51(51)
LQFP64
2 to 3.6 V
STM32F101RB
•
128 K
16 K
3x16-bit (12/12/12)
2xSPI/2xI²C/3xUSART*
51(51)
LQFP64
2 to 3.6 V
100
pins
STM32F101V8
•
64 K
10 K
3x16-bit (12/12/12)
2xSPI/2xI²C/3xUSART*
80(80)
LQFP100
2 to 3.6 V
STM32F101VB
•
128 K
16 K
3x16-bit (12/12/12)
2xSPI/2xI²C/3xUSART*
80(80)
LQFP100
2 to 3.6 V
36
pins
STM32F103T6
•
32 K
10 K
3x16-bit (12/12/14)
1xSPI/1xI²C/2xUSART*/USB/CAN
26(26)
QFN36
2 to 3.6 V
STM32F103T8
•
64 K
20 K
4x16-bit (16/16/18)
2xSPI/2xI²C/3xUSART*/USB/CAN
26(26)
QFN36
2 to 3.6 V
48
pins
STM32F103C6
•
32 K
10 K
3x16-bit (12/12/14)
1xSPI/1xI²C/2xUSART*/USB/CAN
36(36)
LQFP48
2 to 3.6 V
STM32F103C8
•
64 K
20 K
4x16-bit (16/16/18)
2xSPI/2xI²C/3xUSART*/USB/CAN
36(36)
LQFP48
2 to 3.6 V
STM32F103CB
•
128 K
20 K
4x16-bit (16/16/18)
2xSPI/2xI²C/3xUSART*/USB/CAN
36(36)
LQFP48
2 to 3.6 V
64
pins
STM32F103R6
•
32 K
10 K
3x16-bit (12/12/14)
1xSPI/1xI²C/2xUSART*/USB/CAN
51(51)
LQFP64
2 to 3.6 V
STM32F103R8
•
64 K
20 K
4x16-bit (16/16/18)
2xSPI/2xI²C/3xUSART*/USB/CAN
51(51)
LQFP64
2 to 3.6 V
STM32F103RB
•
128 K
20 K
4x16-bit (16/16/18)
2xSPI/2xI²C/3xUSART*/USB/CAN
51(51)
LQFP64
2 to 3.6 V
100
pins
STM32F103V8
•
64 K
20 K
4x16-bit (16/16/18)
2xSPI/2xI²C/3xUSART*/USB/CAN
80(80)
LQFP100/BGA100
2 to 3.6 V
STM32F103VB
•
128 K
20 K
4x16-bit (16/16/18)
2xSPI/2xI²C/3xUSART*/USB/CAN
80(80)
LQFP100/BGA100
2 to 3.6 V
*(IrDA/ISO7816/LIN master/slave)
The STM32 key benefits
■
Leading-edge architecture with the latest
Cortex-M3 core from ARM
■
Excellent real-time behaviour
■
Outstanding power efficiency
■
Superior and innovative
peripherals
■
Maximum integration
■
Easy development,
fast time to market
512 KB
Flash size
(bytes)
256 KB
128 KB
64 KB
32 KB
0 KB
STM32F103T8
STM32F101T8
STM32F103T6
STM32F101T6
STM32F103C8
STM32F101C8
STM32F103C6
STM32F101C6
STM32F103CB
STM32F101CB
36 pins
QFN
48 pins
LQFP
64 pins
LQFP
100 pins
LQFP/BGA
Under development
Available now
Performance line
Access line
STM32F103R8
STM32F101R8
STM32F103RB
STM32F101RB
STM32F103R6
STM32F101R6
STM32F103V8
STM32F101V8
STM32F103VB
STM32F101VB
144 pins
LQFP/BGA


Similar Part No. - STM32F101T8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101T8 STMICROELECTRONICS-STM32F101T8 Datasheet
999Kb / 81P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
22-Sep-2009
STM32F101T8 STMICROELECTRONICS-STM32F101T8 Datasheet
1Mb / 85P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
20-May-2010
STM32F101T8 STMICROELECTRONICS-STM32F101T8 Datasheet
1Mb / 89P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
15-May-2013
STM32F101T8 STMICROELECTRONICS-STM32F101T8 Datasheet
1Mb / 90P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
05-Aug-2013
STM32F101T8 STMICROELECTRONICS-STM32F101T8 Datasheet
1Mb / 101P
Medium-density access line, ARM®-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
19-Jun-2015
More results

Similar Description - STM32F101T8

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3U4EA-AU ATMEL-ATSAM3U4EA-AU Datasheet
1Mb / 61P
AT91ARM M3 Cortex-based Processor
logo
NXP Semiconductors
LPC1100 NXP-LPC1100 Datasheet
1Mb / 2P
Cortex-M0 based microcontrollers with industry-leading power and efficiency
January 2010
logo
ATMEL Corporation
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
logo
fujitsu semiconductor
MB9BF500 FUJITSU-MB9BF500 Datasheet
784Kb / 4P
32-bit MCUs with ARM Cortex-M3 Core
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
32-bit Microcontroller with ARM Cortex-M3 Core
May 27, 2011
logo
NXP Semiconductors
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251_12 Datasheet
1Mb / 35P
Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
HT32F1755 HOLTEK-HT32F1755 Datasheet
1Mb / 45P
Holtek 32-bit Microcontroller with ARM짰 Cortex??M3 Core
logo
Silicon Laboratories
EFM32G840F128 SILABS-EFM32G840F128 Datasheet
1Mb / 71P
ARM Cortex-M3 CPU platform
logo
Zilog, Inc.
Z32F0641MCU ZILOG-Z32F0641MCU Datasheet
5Mb / 205P
High Performance low-power Cortex-M3 core
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com