Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM2812D Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # MSM2812D
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSM2812D Datasheet(HTML) 2 Page - Interpoint Corporation Company

  MSM2812D Datasheet HTML 1Page - Interpoint Corporation Company MSM2812D Datasheet HTML 2Page - Interpoint Corporation Company MSM2812D Datasheet HTML 3Page - Interpoint Corporation Company MSM2812D Datasheet HTML 4Page - Interpoint Corporation Company MSM2812D Datasheet HTML 5Page - Interpoint Corporation Company MSM2812D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TYPICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM RATINGS
INHIBIT
2
MSM SERIES
5 WATT
DC/DC CONVERTERS
SINGLE OUTPUT MODELS
MSM283R3S
MSM2805S
MSM2812S
MSM2815S
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP MAX
MIN
TYP
MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
Tc = 25°C
3.25
3.3
3.35
4.93
5
5.08 11.82
12
12.18 14.78
15
15.23
VDC
OUTPUT CURRENT
V
IN
= 16 TO 40 VDC
—
1.52
—
—
1.0
—
—
0.42
—
—
0.33
—
A
OUTPUT POWER
V
IN
= 16 TO 40 VDC
0
—
5
0
—
5
0
—
5
0
—
5
W
OUTPUT RIPPLE
10 kHz - 2 MHz
—
250
—
—
200
—
—
180
—
—
150
—
mV p-p
VOLTAGE
Tc = –55°C TO +125°C
—
1800
—
—
1500
—
—
1200
—
—
1000
—
LINE REGULATION
V
IN
= 16 TO 40 VDC
—
60
—
—
80
—
—
120
—
—
150
—
mV
LOAD REGULATION
NO LOAD TO FULL
—
150
—
—
250
—
—
350
—
—
400
—
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
VDC
NO LOAD TO FULL
TRANSIENT 120 ms
0
—
80
0
—
80
0
—
80
0
—
80
V
INPUT CURRENT
NO LOAD
—
28
—
—
25
—
—
20
—
—
16
—
FULL LOAD
—
242
—
—
235
—
—
230
—
—
223
—
mA
INHIBITED
—
4.5
—
—
4.5
—
—
4.5
—
—
4.5
—
INPUT RIPPLE
10k Hz - 10 MHz
—
30
—
—
25
—
—
20
—
—
15
—
mA p-p
CURRENT
Tc = –55°C TO +125°C
—
180
—
—
150
—
—
120
—
—
100
—
EFFICIENCY
Tc = 25°C
—
74
—
—
76
—
—
78
—
—
80
—
%
LOAD FAULT
POWER DISSIPATION
OVERLOAD
—
1.9
—
—
1.8
—
—
1.7
—
—
1.5
—
W
SHORT CIRCUIT
1
—
1
—
—
0.9
—
—
0.8
—
—
0.7
—
RECOVERY
2
—
9
—
—
8.5
—
—
8
—
—
7.5
—
ms
OUTPUT CURRENT
TRIP POINT
—
2.2
—
—
1.5
—
—
0.7
—
—
0.56
—
A
SHORT CIRCUIT
—
2.3
—
—
1.6
—
—
0.8
—
—
0.6
—
STEP LOAD
50 %–100%– 50%
RESPONSE
TRANSIENT
3
—
350
—
—
350
—
—
400
—
—
400
—
mV pk
RECOVERY
2
—
0.8
—
—
0.8
—
—
1.0
—
—
1.0
—
ms
STEP LINE
16 TO 40 TO 16 V
IN
RESPONSE
TRANSIENT
3
—
400
—
—
400
—
—
500
—
—
500
—
mV pk
RECOVERY
2
—
1.5
—
—
1.5
—
—
2.0
—
—
2.0
—
ms
START-UP
DELAY
—
4
—
—
4
—
—
4
—
—
4
—
ms
0 TO 28 VIN
OVERSHOOT
—
250
—
—
300
—
—
350
—
—
400
—
mV pk
Input Voltage
• 16 to 40 VDC
Output Power
•5 W
Power Dissipation
• 1.9 W
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Base plate)
• –55°C to +130°C
Input Voltage Range
• 16 to 40 VDC continuous
• 80 V for 120 msec transient
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +130°C absolute
Derating Output Power/Current (Tc)
• Linearly from 100% at 125°C to 0% at 130°C
Inhibit – TTL Open Collector
• Logic low (output disabled)
• Inhibit pin current 0.34 mA typ
• Referenced to input common
• Logic high (output enabled) open collector
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Output Voltage Temperature Coefficient
• 200 ppm/°C typical
Temperature Rise (Still Air)
• 18°C / watt dissipated, typical
Input to Output Capacitance
• 100 pF typical
Undervoltage Lockout
• 10 V input typical
Current Limit
• 160% of full load typical
Isolation
• 100 megohm minimum at 500 V
Conversion Frequency (kHz)
• 25°C, 200 min, 300 typ, 400 max
Inhibit Pin Voltage (unit enabled)
• 10 V, typical
Notes:
1. Short circuit is measured with a 50 mohm resistive load.
2. Time to settle within 1% of V
OUT
3. Transition
≥ 10 µs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com