Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM2812D Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MSM2812D
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MSM2812D Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MSM2812D Datasheet HTML 1Page - Interpoint Corporation Company MSM2812D Datasheet HTML 2Page - Interpoint Corporation Company MSM2812D Datasheet HTML 3Page - Interpoint Corporation Company MSM2812D Datasheet HTML 4Page - Interpoint Corporation Company MSM2812D Datasheet HTML 5Page - Interpoint Corporation Company MSM2812D Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
MSM SERIES
5 WATT
FEATURES
• –55°C to +125°C operation
• 16 to 40 VDC input
• Surface mountable
• Will withstand solder reflow
• Transient protection up to 80V/120 ms,
meets MIL-STD-704A requirements
• Inhibit function
• Fully isolated
• Ultra-wide bandwidth magnetic feedback
• Up to 82% efficiency
• Indefinite short circuit protection
• Undervoltage shutdown below 10 Vin
DESCRIPTION
The MSM Series™ of DC/DC converters delivers up to 5 watts in a
surface mountable package. The use of commercially available
discrete components, printed wiring board construction, and surface
mount technology keep costs low. Mature design technology and
severe derating maintain high-reliability, providing full power opera-
tion over the full military temperature range of –55 to +125°C.
Output voltages of 3.3, 5, 5.2, 12, 15, ±12, or ±15 operate from an
input range of 16 to 40 VDC. Operation below 16 volts is possible at
reduced power while still maintaining output regulation. The
converters are rated for input transients up to 80 V for up to 120
milliseconds which meets the requirements for MIL-STD-704A.
CONVERTER DESIGN
The converters incorporate a flyback topology with a constant
frequency to minimize EMI and noise. The pulse-width-modulator is
constructed of discrete devices to allow to the use of mature tech-
nologies and assure operation over the full temperature range. A
proprietary magnetic isolator, designed with feed-forward and load
correction, provides nearly instantaneous output control for good
output regulation.
INHIBIT FUNCTION
MSM Series converters provide a TTL open collector-compatible
inhibit feature that can be used to disable internal switching and
inhibit the unit’s output. Inhibiting in this manner results in low
standby current, and no generation of switching noise.
The converter is inhibited when the TTL compatible low (
≤0.8 V) is
applied to the inhibit pin. The unit is enabled when the pin, which is
internally connected to a pull-up resistor, is left unconnected or is
connected to an open collector gate. The open circuit output voltage
associated with the inhibit pin is 9 to 11 V. In the inhibit mode, a
maximum of 0.5 mA must be sunk from the inhibit pin.
PROTECTION FEATURES
Undervoltage lockout prevents the MSM Series converters from
operating below approximately 10 VDC input. This circuitry can
prevent system shutdown problems in starting “constant power”
devices at low input voltages. All models include a soft-start function
to prevent large current draw and minimize overshoot under all load
and line conditions. The MSM Series of converters also provide
short circuit and overload protection. Short circuit internal dissipation
is lower than the internal dissipation which occurs during full load
conditions.
SURFACE MOUNTABLE PACKAGING
The MSM Series of DC/DC converters can be surface mounted or
hand-soldered. Maximum reflow temperature for surface mounting
the MSM converter is 230°C for a maximum of 30 seconds. SN60,
62, or 63 are the recommended types of solder. Hand soldering
should not exceed 300°C for 10 seconds per pin.
DC/DC CONVERTERS
28 VOLT INPUT
Size (max.):
2.01 x 2.01 x 0.312 inches (51.1 x 51.1 x 7.9 mm)
Weight:
20 grams maximum
MODELS
VDC OUTPUT
SINGLES
3.3
5
12
15
DUALS
±12
±15


Similar Part No. - MSM2812D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM20.15W9 LITTELFUSE-MSM20.15W9 Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
StarHope
MSM200 SPSEMI-MSM200 Datasheet
505Kb / 3P
Surface Mount Devices
logo
ADL Embedded Solutions
MSM200X ADL-MSM200X Datasheet
250Kb / 2P
PCI/104-Express
logo
Littelfuse
MSM210P3 LITTELFUSE-MSM210P3 Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
Schurter Inc.
MSM22 SCHURTER-MSM22 Datasheet
82Kb / 7P
Snap-in switch for switches PSE, MSM and MCS 30
More results

Similar Description - MSM2812D

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com