Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7803293 Datasheet(PDF) 19 Page - CommScope Inc.

Part # 7803293
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7803293 Datasheet(HTML) 19 Page - CommScope Inc.

Back Button 7803293 Datasheet HTML 15Page - CommScope Inc. 7803293 Datasheet HTML 16Page - CommScope Inc. 7803293 Datasheet HTML 17Page - CommScope Inc. 7803293 Datasheet HTML 18Page - CommScope Inc. 7803293 Datasheet HTML 19Page - CommScope Inc. 7803293 Datasheet HTML 20Page - CommScope Inc. 7803293 Datasheet HTML 21Page - CommScope Inc. 7803293 Datasheet HTML 22Page - CommScope Inc. 7803293 Datasheet HTML 23Page - CommScope Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
17
ERA Ordering Guide
For North America
ERA Optical Modules
Different to analogue transmission for digital data-streams, CWDM is a very common approach to extend transport capacity while
saving on fiber count or even not increasing the number of used fibers. ERA is using standard SFP+ modules for different distances
(e.g. 10 km and 40 km) and different laser wave-length (e.g. 18 wave-length/colors). Even so ERA is in principle capable to work
with almost any standard SFP+ module.
CommScope is offering a selection of pre-qualified and approved SFP+ modules and MUX/DEMUX filters.
The right selection of SFP+ colors together with the appropriate WDM-MUX/DEMUX provides the ERA WDM solution.
Features
• 18 CWDM SFP+ (1270 to 1610)
• Placed in OPT card (WIN, CAN, TEN)
• Placed in CAP (fiber version)
Ordering Information
Description
CommScope
Material ID
SPF+ Modules
10G BASE, LC (singlemode, 1310 nm)
7680813
10G BASE, LC (multimode, 850 nm)
7660511
SFP+ 10GBase CWDM, 40km
SFP+ 10GBase CWDM-270 40km
7803247
SFP+ 10GBase CWDM-290 40km
7803249
SFP+ 10GBase CWDM-310 40km
7803291
SFP+ 10GBase CWDM-330 40km
7803293
SFP+ 10GBase CWDM-350 40km
7803295
SFP+ 10GBase CWDM-370 40km
7803298
SFP+ 10GBase CWDM-390 40km
7803900
SFP+ 10GBase CWDM-410 40km
7803902
SFP+ 10GBase CWDM-430 40km
7803904
SFP+ 10GBase CWDM-450 40km
7803906
SFP+ 10GBase CWDM-470 40km
7801330
SFP+ 10GBase CWDM-490 40km
7801340
SFP+ 10GBase CWDM-510 40km
7801342
SFP+ 10GBase CWDM-530 40km
7801344
SFP+ 10GBase CWDM-550 40km
7801360
SFP+ 10GBase CWDM-570 40km
7801363
SFP+ 10GBase CWDM-590 40km
7801365
SFP+ 10GBase CWDM-610 40km
7801367
Coarse Wavelength Division Multiplexing (CWDM) SFP+
SFP+ Multimode
SFP+ Singlemode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com