Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7803293 Datasheet(PDF) 22 Page - CommScope Inc.

Part # 7803293
Description  ERA® Ordering Guide
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

7803293 Datasheet(HTML) 22 Page - CommScope Inc.

Back Button 7803293 Datasheet HTML 16Page - CommScope Inc. 7803293 Datasheet HTML 17Page - CommScope Inc. 7803293 Datasheet HTML 18Page - CommScope Inc. 7803293 Datasheet HTML 19Page - CommScope Inc. 7803293 Datasheet HTML 20Page - CommScope Inc. 7803293 Datasheet HTML 21Page - CommScope Inc. 7803293 Datasheet HTML 22Page - CommScope Inc. 7803293 Datasheet HTML 23Page - CommScope Inc. 7803293 Datasheet HTML 24Page - CommScope Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
20
ERA Ordering Guide
For North America
Ordering Information
Description
CommScope
Material ID
CAP L Mounting Kits
Flat Mounting Kit
7774353-00
Dual Wall Mount Kit
7815440-00
Power Supply/Hybrid Fiber Mounting Kit
7774354-00
CAP L 240W Local AC Power Supply Kits
No Cord
7775087-00
With Cord
7809798-00
CAP L Hybrid Fiber Splice Box Kit
7781091-00
Hybrid Fiber Splice Box Kit
7693816-00
CAP L Diplexer
For 694-1880 & 1920-2700 MHz Outdoor Application
779139-00
CAP L Local Power Jumpers
0.5 meter
7774061
3 meter
7816237-00
Accessories
Cap L with flat bracket
kit for wall mounting
Two CAP L units mounted in
dual-mount wall bracket
Local AC PSU +
mounting bracket
Hybrid fiber splice box +
mounting bracket
Diplexer for ERA®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com