Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-T6 Datasheet(PDF) 19 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 19 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 15Page - IDEC Corporation LS-T6 Datasheet HTML 16Page - IDEC Corporation LS-T6 Datasheet HTML 17Page - IDEC Corporation LS-T6 Datasheet HTML 18Page - IDEC Corporation LS-T6 Datasheet HTML 19Page - IDEC Corporation LS-T6 Datasheet HTML 20Page - IDEC Corporation LS-T6 Datasheet HTML 21Page - IDEC Corporation LS-T6 Datasheet HTML 22Page - IDEC Corporation LS-T6 Datasheet HTML 23Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
19
Gasket
Locking Ring
Projection
Operator
Instructions
Removing the Contact Block
First unlock the operator button. While pushing up the
white bayonet ring, using a small screwdriver (width: 2.5 to
3 mm) if necessary, turn the contact block
counterclockwise and pull out.
Do not exert excessive
force when using a screwdriver, otherwise the bayonet
ring may be damaged.
Bayonet Ring
➀ Push
➁ Turn counterclockwise
Notes for Removing the Contact Block
1. When the contact block is removed, the monitor contact
(NO contact) is closed.
2. While removing the contact block, do not exert excessive
force, otherwise the switch may be damaged.
Panel Mounting
Remove the locking ring from the operator and check
that the rubber gasket is in place. Insert the operator from
panel front into the panel hole. Face the side with the anti-
rotation protrusion on the operator upward, and tighten the
locking ring.
Operator Unit
Locking Ring
Anti-rotation
Protrusion
Rubber Gasket
Notes for Panel Mounting
To mount the XA emergency stop switches onto a panel,
tighten the locking ring to a tightening torque of 0.88 N·m
maximum using ring wrench MT-001. Do not use pliers. Do
not exert excessive force, otherwise the locking ring may
be damaged.
Installing the Contact Block
First turn the bayonet ring to the unlocked position.
Bayonet Ring
Unlocked
Locked
Align the small ▲ marking on the edge of the operator base
with the TOP marking on the contact block. Press the
contact block onto the operator and turn the contact block
clockwise until the bayonet ring clicks.
TOP marking
▲
marking
TOP marking (contact block)
➀ Press
➁ Turn
Notes for Installing the Contact Block
Check that the contact block is securely installed on the
operator. When the emergency stop switch is properly
assembled, the bayonet ring is in place as shown below.
Removing the LED Unit (Contact Block)
Pull out the LED unit while squeezing the latches on the
LED unit using the LED unit removal tool (MT-101).
TOP side
Latches
Squeeze the
LED unit on the
latches and pull
out.
Contact Block
Unibody
XA Series Emergency Stop Switches (w/Removable Contact Block) ø16
Safety Precautions
• Turn off power to the XA series emergency stop switch
before starting installation, removal, wiring, maintenance,
and inspection of the relays. Failure to turn power off may
cause electrical shock or fire hazard.
• Use the LED unit removal tool when replacing the LED
unit to avoid burn on your hands.
• Use wires of the proper size to meet the voltage and
current requirements, and solder the wires correctly. If
soldering is incomplete, the wire may heat during opera-
tion, causing fire hazard.
XA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com