Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-T6 Datasheet(PDF) 38 Page - IDEC Corporation

Part # LS-T6
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T6 Datasheet(HTML) 38 Page - IDEC Corporation

Back Button LS-T6 Datasheet HTML 34Page - IDEC Corporation LS-T6 Datasheet HTML 35Page - IDEC Corporation LS-T6 Datasheet HTML 36Page - IDEC Corporation LS-T6 Datasheet HTML 37Page - IDEC Corporation LS-T6 Datasheet HTML 38Page - IDEC Corporation LS-T6 Datasheet HTML 39Page - IDEC Corporation LS-T6 Datasheet HTML 40Page - IDEC Corporation LS-T6 Datasheet HTML 41Page - IDEC Corporation LS-T6 Datasheet HTML 42Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
38
Maintenance Parts
Shape
Material
Part No.
Ordering No.
Package
Quantity
Description & Dimensions (mm)
Safety Lever Lock
Plastic
HW9Z-LS
HW9Z-LSPN10
10
• Yellow
• 1 piece included as standard
Locking Ring
Polyamide
HW9Z-LN
HW9Z-LNPN05
5
• Black
Gasket
Nitryl rubber
HW9Z-WM
HW9Z-WMPN10
10
Spare Key
Metal
Brass, nickel-
plated
HW9Z-SK-231 HW9Z-SK-231PN02
2
• For pushlock key reset switches
LED Lamps (LSTD)
Shape
Rated Operating
Voltage
Current Draw
Part No.
Ordering No.
Package
Quantity
Base
Dimensions (mm)
AC
DC
6V AC/DC
17 mA
(A, R, W, Y)
8 mA
(G, PW, S)
14 mA
(A, R, W, Y)
5.5 mA
(G, PW, S)
LSTD-6R
LSTD-6R
1
BA9S/13
(20.8)
18.4
2.4
Grommet (x1)
Base (x2) BA9S/13
Voltage
LSTD-6RPN10
10
12V AC/DC
11 mA
10 mA
LSTD-1R
LSTD-1R
1
LSTD-1RPN10
10
24V AC/DC
11 mA
10 mA
LSTD-2R
LSTD-2R
1
LSTD-2RPN10
10
Incandescent Lamps (LS)
Shape
Rated Operating Voltage
Lamp Ratings
Part No.
Package Quantity
Dimensions (mm)
6V AC/DC
1W (6.3V)
LS-6
1
Base BA9S/13
±1.5
22.5
12V AC/DC
1W (18V)
LS-8
18V AC/DC
1W (24V)
LS-2
24V AC/DC
1W (30V)
LS-3
ø22 HW Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com