Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # ILQ2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button ILQ2 Datasheet HTML 2Page - Vishay Siliconix ILQ2 Datasheet HTML 3Page - Vishay Siliconix ILQ2 Datasheet HTML 4Page - Vishay Siliconix ILQ2 Datasheet HTML 5Page - Vishay Siliconix ILQ2 Datasheet HTML 6Page - Vishay Siliconix ILQ2 Datasheet HTML 7Page - Vishay Siliconix ILQ2 Datasheet HTML 8Page - Vishay Siliconix ILQ2 Datasheet HTML 9Page - Vishay Siliconix ILQ2 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ILD1, ILD2, ILD5, ILQ1, ILQ2
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 10-Mar-2021
8
Document Number: 83646
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Collector Emitter Leakage Current vs.Temperature
Fig. 14 - Propagation Delay vs. Collector Load Resistor
PACKAGE DIMENSIONS in millimeters
iild1_11
100
80
60
40
20
0
- 20
10
10
10
10
10
10
10
10
- 2
- 1
0
1
2
3
4
5
T
A
- Ambient Temperature (°C)
Vce = 10 V
Typical
iild1_12
R L- Collector Load Resistor (kΩ)
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
TA = 25 °C, IF = 10 mA
Vcc = 5 V, Vth = 1.5 V
i178006
Pin one ID
6.645 ± 0.165
9.77 ± 0.14
0.95 ± 0.19
4° typ.
2.54 typ.
0.51 ± 0.05
3.555 ± 0.255
0.70 ± 0.19
10°
3° to 9°
7.62 typ.
0.25 ± 0.05
3.045 ± 0.255
6.095 ± 0.255
4
3
2
1
0.79
1.27
5
6
7
8
ISOmethodA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com