Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILQ2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ILQ2
Description  Optocoupler, Phototransistor Output (Dual, Quad Channel)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ2 Datasheet(HTML) 3 Page - Vishay Siliconix

  ILQ2 Datasheet HTML 1Page - Vishay Siliconix ILQ2 Datasheet HTML 2Page - Vishay Siliconix ILQ2 Datasheet HTML 3Page - Vishay Siliconix ILQ2 Datasheet HTML 4Page - Vishay Siliconix ILQ2 Datasheet HTML 5Page - Vishay Siliconix ILQ2 Datasheet HTML 6Page - Vishay Siliconix ILQ2 Datasheet HTML 7Page - Vishay Siliconix ILQ2 Datasheet HTML 8Page - Vishay Siliconix ILQ2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ILD1, ILD2, ILD5, ILQ1, ILQ2
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 10-Mar-2021
3
Document Number: 83646
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test according
to DIN EN 60747-5-2 (VDE 0884); IEC 60747-5-5
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
-
1.25
1.65
V
Reverse current
VR = 6 V
IR
-0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
-25-
pF
Thermal resistance, junction to lead
TthJL
-
750
-
K/W
OUTPUT
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
-6.8
-
pF
Collector emitter leakage current
VVCE = 10 V
ICEO
-
5
50
nA
Saturation voltage, collector emitter
IC = 1 mA, IB = 20 μA
VCESAT
-
0.25
0.4
V
DC forward current gain
VCE = 10 V, IB = 20 μA
hFE
200
650
1800
DC forward current gain saturated
VCE = 0.4 V, IB = 20 μA
hFEsat
120
400
600
Thermal resistance, junction to lead
Rthjl
-
500
-
K/W
COUPLER
Capacitance (input to output)
VIO = 0 V, f = 1 MHz
CIO
-0.8
-
pF
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
(collector emitter saturated)
IF =10 mA, VCE = 0.4 V
ILD1
CTRCEsat
-75-
%
ILQ1
CTRCEsat
-75-
%
ILD2
CTRCEsat
-
170
-
%
ILQ2
CTRCEsat
-
170
-
%
ILD5
CTRCEsat
-
100
-
%
IF =10 mA, VCE = 10 V
ILD1
CTRCE
20
80
300
%
ILQ1
CTRCE
20
80
300
%
ILD2
CTRCE
100
200
500
%
ILQ2
CTRCE
100
200
500
%
ILD5
CTRCE
50
130
400
%
TSI - Safety Temperature (°C)
0
50
100
150
200
250
300
350
400
450
0
25
50
75
100
125
150
175
Phototransistor
PSO (mW)
IR-diode
ISI (mA)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com