Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2106SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2106SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2106SPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2106SPBF Datasheet HTML 1Page - International Rectifier IRS2106SPBF Datasheet HTML 2Page - International Rectifier IRS2106SPBF Datasheet HTML 3Page - International Rectifier IRS2106SPBF Datasheet HTML 4Page - International Rectifier IRS2106SPBF Datasheet HTML 5Page - International Rectifier IRS2106SPBF Datasheet HTML 6Page - International Rectifier IRS2106SPBF Datasheet HTML 7Page - International Rectifier IRS2106SPBF Datasheet HTML 8Page - International Rectifier IRS2106SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
PRELIMINARY
IRS2106/IRS21064(S)PbF
www.irf.com
2
Symbol
Definition
Min.
Max.
Units
VB
High side floating absolute voltage
-0.3
625
VS
High side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low side and logic fixed supply voltage
-0.3
25
VLO
Low side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage
VSS - 0.3
VCC + 0.3
VSS
Logic ground (IRS21064 only)
VCC - 25
VCC + 0.3
dVS/dt
Allowable offset supply voltage transient
—
50
V/ns
(8 lead PDIP)
—
1.0
PD
Package power dissipation @ TA ≤ +25 °C
(8 lead SOIC)
—
0.625
(14 lead PDIP)
—
1.6
(14 lead SOIC)
—
1.0
(8 lead PDIP)
—
125
RthJA
Thermal resistance, junction to ambient
(8 lead SOIC)
—
200
(14 lead PDIP)
—
75
(14 lead SOIC)
—
120
TJ
Junction temperature
—
150
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured
under board mounted and still air conditions.
V
°C
°C/W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com