Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2106SPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IRS2106SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2106SPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IRS2106SPBF Datasheet HTML 9Page - International Rectifier IRS2106SPBF Datasheet HTML 10Page - International Rectifier IRS2106SPBF Datasheet HTML 11Page - International Rectifier IRS2106SPBF Datasheet HTML 12Page - International Rectifier IRS2106SPBF Datasheet HTML 13Page - International Rectifier IRS2106SPBF Datasheet HTML 14Page - International Rectifier IRS2106SPBF Datasheet HTML 15Page - International Rectifier IRS2106SPBF Datasheet HTML 16Page - International Rectifier IRS2106SPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
IRS2106/IRS21064(S)PbF
www.irf.com
13
PRELIMINARY
0
100
200
300
400
10
12
14
16
18
20
V
CC Supply Voltage (V)
Max.
Typ.
Min.
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
Temperature (oC)
Typ.
Max.
0
10
20
30
40
50
60
10
12
14
16
18
20
V
CC Supply V oltage (V )
Max.
Typ.
Figure 14A. Quiescent VCC Supply Current
vs. Temperature
Figure 14B. Quiescent VCC Supply Current
vs. VCC Supply Voltage
Figure 15A. Logic “1” Input Current
vs. Temperature
Figure 15B. Logic “1” Bias Current
vs. Supply Volta
ge
0
100
200
300
400
-50
-25
0
25
50
75
100
125
Temperature (
oC)
M ax.
Typ.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com