Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2113-2PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2113-2PBF
Description  HIGH AND LOW SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2113-2PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2113-2PBF Datasheet HTML 6Page - International Rectifier IRS2113-2PBF Datasheet HTML 7Page - International Rectifier IRS2113-2PBF Datasheet HTML 8Page - International Rectifier IRS2113-2PBF Datasheet HTML 9Page - International Rectifier IRS2113-2PBF Datasheet HTML 10Page - International Rectifier IRS2113-2PBF Datasheet HTML 11Page - International Rectifier IRS2113-2PBF Datasheet HTML 12Page - International Rectifier IRS2113-2PBF Datasheet HTML 13Page - International Rectifier IRS2113-2PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PRELIMINARY
www.irf.com
10
IRS2110(-1,-2,S)PbF/IRS2113(-1,-2,S)PbF
Figure 14B. High Level Output vs. Voltage
Figure 15A. Low Level Output vs. Temperature
Figure 15B. Low Level Output vs. Supply Voltage
Figure 16A. Offset Supply Current vs. Temperature
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Max.
Figure 17A. VBS Supply Current vs. Temperature
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Max.
Typ.
0.00
0.04
0.08
0.12
0.16
0.20
-50
-25
0
25
50
75
100
125
0.00
0.04
0.08
0.12
0.16
0.20
10
12
14
16
18
20
Max.
Max.
Figure 16B. Offset Supply Current vs. Voltage
0
100
200
300
400
500
0
100
200
300
400
500
600
Max.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
Max.
Temperature (oC)
Temperature (oC)
VB Boost Voltage (V)
VCC Supply Voltage (V)
VBIAS Supply Voltage (V)
Temperature (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com