Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHCSSRML.24 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GHCSSRML.24
Description  OSLON® Optimal
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GHCSSRML.24 Datasheet(HTML) 1 Page - OSRAM GmbH

  GHCSSRML.24 Datasheet HTML 1Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 2Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 3Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 4Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 5Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 6Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 7Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 8Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
GH CSSRML.24
DATASHEET
DATASHEET
1 | Version 1.0 | 2022-04-29
www.osram-os.com
GH CSSRML.24
Datasheet
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - GHCSSRML.24

ManufacturerPart #DatasheetDescription
logo
ams AG
GHCSSRML.24 AMSCO-GHCSSRML.24 Datasheet
1Mb / 22P
A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.
Version 1.0 2022-04-29
GHCSSRML.24-UJUM-1-1 AMSCO-GHCSSRML.24-UJUM-1-1 Datasheet
1Mb / 22P
A brand new family of LEDs with our ams OSRAM’s latest chip technology, delivering significant performance upgrades.
Version 1.0 2022-04-29
More results

Similar Description - GHCSSRML.24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R9-NBS-4UAK ETC2-R9-NBS-4UAK Datasheet
1Mb / 3P
Optimal cooling performance.
R9-NBS-E22K-GP ETC2-R9-NBS-E22K-GP Datasheet
982Kb / 2P
Optimal cooling performance
logo
OSRAM GmbH
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
logo
P-tec Corporation
PLBT5E-WCY06-DP1 P-TEC-PLBT5E-WCY06-DP1 Datasheet
383Kb / 5P
Optimal Optical/Mechanical Design
logo
OSRAM GmbH
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com