Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHCSSRML.24 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # GHCSSRML.24
Description  OSLON® Optimal
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GHCSSRML.24 Datasheet(HTML) 3 Page - OSRAM GmbH

  GHCSSRML.24 Datasheet HTML 1Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 2Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 3Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 4Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 5Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 6Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 7Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 8Page - OSRAM GmbH GHCSSRML.24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
GH CSSRML.24
DATASHEET
DATASHEET
3 | Version 1.0 | 2022-04-29
Ordering Information
Type
Total radiant flux 1)
Ordering Code
I
F = 350 mA
Φ
E
GH CSSRML.24-UJUM-1-1
450 ... 610 mW
Q65113A4465



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com