Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR12412 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3WVR12412
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR12412 Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3WVR12412 Datasheet HTML 1Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 2Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 3Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 4Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 5Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 6Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 7Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 8Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
A Product Line of
Diodes Incorporated
PI3WVR12412
www.diodes.com
November 2021
Diodes Incorporated
PI3WVR12412
Document Number DS40196 Rev 2-2
Pin#
Pin Name
Signal Type Description
14
SCL/ AUX+
I/O
SCLl signal for DDC COM port, or positive differential signal for AUX
COM port
15
HPD_B
I/O
HPD for port B
16
HPD_A
I/O
HPD for port A
17
GND
Ground
Ground
18
HPD
I/O
HPD for COM port
19
SDA_B/ AUX-_B
I/O
SDA signal for DDC, port B, or negative differential signal for AUX COM
port
20
SCL_B/ AUX+_B
I/O
SCL signal for DDC, port B, or positive differential signal for AUX COM
port
21
VDD
Power
3.3V +/-10% power supply
22
GND
Ground
Ground
23
SCL_A/ AUX+_A
I/O
SCL signal for DDC, port A, or positive differential signal for AUX COM
port
24
SDA_A/ AUX-_A
I/O
SDA signal for DDC, port A, or negative differential signal for AUX COM
port
25
OE
I
Output enable. if OE is high, IC is enabled. if OE is low, IC is power down
and all I/Os are Hi-Z
26
D3+B
I/O
Positive differential signal 3 for portB
27
D3-B
I/O
Negative differential signal 3 for portB
28
D2+B
I/O
Positive differential signal 2 for portB
29
D2-B
I/O
Negative differential signal 2 for portB
30
D1+B
I/O
Positive differential signal 1 for portB
31
D1-B
I/O
Negative differential signal 1 for portB
32
D0+B
I/O
Positive differential signal 0 for portB
33
D0-B
I/O
Negative differential signal 0 for portB
34
VDD
Power
3.3V +/-10% power supply
35
D3+A
I/O
Positive differential signal 3 for port A
36
D3-A
I/O
Negative differential signal 3 for port A
37
D2+A
I/O
Positive differential signal 2 for port A
38
D2-A
I/O
Negative differential signal 2 for port A
39
D1+A
I/O
Positive differential signal 1 for port A
40
D1-A
I/O
Negative differential signal 1 for port A
41
D0+A
I/O
Positive differential signal 0 for port A
42
D0-A
I/O
Negative differential signal 0 for port A
43
Center pad
Ground
Ground
Pin Description Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com