Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3WVR12412 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI3WVR12412
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR12412 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI3WVR12412 Datasheet HTML 3Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 4Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 5Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 6Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 7Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 8Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 9Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 10Page - Diodes Incorporated PI3WVR12412 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
A Product Line of
Diodes Incorporated
PI3WVR12412
www.diodes.com
November 2021
Diodes Incorporated
PI3WVR12412
Document Number DS40196 Rev 2-2
Switching Characteristics
(TA= -40º to +105ºC, VDD = 3.3V±10%)
Parameter
Description
Min.
Typ.
Max.
Units
Tpd
Propagation delay (input pin to output pin) on all channels
80
ps
tb-b
Bit-to-bit skew within the same differential pair of Dx± channels
5
7
ps
tch-ch
Channel-to-channel skew of Dx± channels
35
ps
Tsw a-b
Time it takes to switch from port A to port B
0.1
us
Tsw b-a
Time it takes to switch from port B to port A
0.1
us
Tstartup
VDD valid to channel enable
10
us
Twakeup
Enabling output by changing OE from low to High
10
us
Figure 1. Crosstalk Setup
Figure 2. Off-isolation Setup
+
–
+
–
BALANCED
PORT1
DUT
+
–
50
50
+
–
BALANCED
PORT2
50
50
+
–
+
–
BALANCED
PORT1
BALANCED
PORT2
DUT
+
–
50
50
Figure 3. Differential Insertion Loss
+
–
+
–
BALANCED
PORT1
BALANCED
PORT2
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com