Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1102 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCET1102
Description  Optocoupler, Phototransistor Output, High Temperature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1102 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCET1102 Datasheet HTML 1Page - Vishay Siliconix TCET1102 Datasheet HTML 2Page - Vishay Siliconix TCET1102 Datasheet HTML 3Page - Vishay Siliconix TCET1102 Datasheet HTML 4Page - Vishay Siliconix TCET1102 Datasheet HTML 5Page - Vishay Siliconix TCET1102 Datasheet HTML 6Page - Vishay Siliconix TCET1102 Datasheet HTML 7Page - Vishay Siliconix TCET1102 Datasheet HTML 8Page - Vishay Siliconix TCET1102 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TCET1100, TCET1100G
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 13-Jan-2021
2
Document Number: 83503
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability
(1) Refer to wave profile for soldering conditions for through hole devices
Notes
• The thermal model is represented in the thermal network below. Each resistance value given in this model can be used to calculate the
temperatures at each node for a given operating condition. The thermal resistance from board to ambient will be dependent on the type of
PCB, layout and thickness of copper traces. For a detailed explanation of the thermal model, please reference Vishay’s “Thermal
Characteristics of Optocouplers” application note
(1) For 2 layer FR4 board (4" x 3" x 0.062")
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp
≤ 10 μs
IFSM
1.5
A
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp
≤ 10 ms
ICM
100
mA
COUPLER
Isolation test voltage (RMS)
t = 1 min
VISO
5000
VRMS
Operating ambient temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-55 to +125
°C
Soldering temperature (1)
2 mm from case,
≤ 10 s
Tsld
260
°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
LED power dissipation
Pdiss
100
mW
Output power dissipation
Pdiss
150
mW
Maximum LED junction temperature
Tjmax.
125
°C
Maximum output die junction temperature
Tjmax.
125
°C
Thermal resistance, junction emitter to board
θEB
173
°C/W
Thermal resistance, junction emitter to case
θEC
149
°C/W
Thermal resistance, junction detector to board
θDB
111
°C/W
Thermal resistance, junction detector to case
θDC
127
°C/W
Thermal resistance, junction emitter to
junction detector
θED
173
°C/W
Thermal resistance, board to ambient (1)
θBA
197
°C/W
Thermal resistance, case to ambient (1)
θCA
4041
°C/W
T
A
θ
CA
T
C
T
JD
T
JE
T
B
θ
EC
θ
EB
θ
DC
θ
DB
θ
BA
θ
DE
T
A
19996
Package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com