Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCET1102 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCET1102
Description  Optocoupler, Phototransistor Output, High Temperature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1102 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCET1102 Datasheet HTML 1Page - Vishay Siliconix TCET1102 Datasheet HTML 2Page - Vishay Siliconix TCET1102 Datasheet HTML 3Page - Vishay Siliconix TCET1102 Datasheet HTML 4Page - Vishay Siliconix TCET1102 Datasheet HTML 5Page - Vishay Siliconix TCET1102 Datasheet HTML 6Page - Vishay Siliconix TCET1102 Datasheet HTML 7Page - Vishay Siliconix TCET1102 Datasheet HTML 8Page - Vishay Siliconix TCET1102 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TCET1100, TCET1100G
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 13-Jan-2021
3
Document Number: 83503
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
-
1.25
1.6
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
-50-
pF
OUTPUT
Collector emitter voltage
IC = 1 mA
VCEO
70
-
-
V
Emitter collector voltage
IE = 100 μA
VECO
7-
-
V
Collector emitter cut-off current
VCE = 20 V, IF = 0 A, E = 0
ICEO
-
10
100
nA
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
--
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA, RL = 100
Ω
fc
-
110
-
kHz
Coupling capacitance
f = 1 MHz
Ck
-0.3
-
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 1 mA
TCET1101G
CTR
13
30
-
%
TCET1102,
TCET1102G
CTR
22
45
-
%
TCET1103,
TCET1103G
CTR
34
70
-
%
TCET1104G
CTR
56
90
-
%
VCE = 5 V, IF = 5 mA
TCET1100,
TCET1100G
CTR
50
-
600
%
TCET1106,
TCET1106G
CTR
100
-
300
%
TCET1107,
TCET1107G
CTR
80
-
160
%
TCET1108,
TCET1108G
CTR
130
-
260
%
TCET1109,
TCET1109G
CTR
200
-
400
%
VCE = 5 V, IF = 10 mA
TCET1101,
TCET1101G
CTR
40
-
80
%
TCET1102,
TCET1102G
CTR
63
-
125
%
TCET1103,
TCET1103G
CTR
100
-
200
%
TCET1104,
TCET1104G
CTR
160
-
320
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com