Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC4047LSD Datasheet(PDF) 7 Page - Diodes Incorporated

Part # DMC4047LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4047LSD Datasheet(HTML) 7 Page - Diodes Incorporated

  DMC4047LSD Datasheet HTML 1Page - Diodes Incorporated DMC4047LSD Datasheet HTML 2Page - Diodes Incorporated DMC4047LSD Datasheet HTML 3Page - Diodes Incorporated DMC4047LSD Datasheet HTML 4Page - Diodes Incorporated DMC4047LSD Datasheet HTML 5Page - Diodes Incorporated DMC4047LSD Datasheet HTML 6Page - Diodes Incorporated DMC4047LSD Datasheet HTML 7Page - Diodes Incorporated DMC4047LSD Datasheet HTML 8Page - Diodes Incorporated DMC4047LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DMC4047LSD
Document number: DS36206 Rev. 4 - 2
7 of 9
www.diodes.com
November 2013
© Diodes Incorporated
DMC4047LSD
-50 -25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
Figure 15 Gate Threshold Variation vs. Ambient Temperature
A
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-I = 1mA
D
-I = 250µA
D
-V , SOURCE-DRAIN VOLTAGE (V)
Figure 16 Diode Forward Voltage vs. Current
SD
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T= 25 C
A
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1,000
t1, PULSE DURATION TIMES (sec)
Figure 17 Transient Thermal Resistance
D = 0.7
D = 0.9
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
Single Pulse
R
(t) = r(t) * R
R
= 94°C/W
Duty Cycle, D = t1/ t2

JA
JA
JA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com