Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC4047LSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMC4047LSD
Description  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4047LSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC4047LSD Datasheet HTML 1Page - Diodes Incorporated DMC4047LSD Datasheet HTML 2Page - Diodes Incorporated DMC4047LSD Datasheet HTML 3Page - Diodes Incorporated DMC4047LSD Datasheet HTML 4Page - Diodes Incorporated DMC4047LSD Datasheet HTML 5Page - Diodes Incorporated DMC4047LSD Datasheet HTML 6Page - Diodes Incorporated DMC4047LSD Datasheet HTML 7Page - Diodes Incorporated DMC4047LSD Datasheet HTML 8Page - Diodes Incorporated DMC4047LSD Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMC4047LSD
Document number: DS36206 Rev. 4 - 2
1 of 9
www.diodes.com
November 2013
© Diodes Incorporated
DMC4047LSD
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
Device
V(BR)DSS
RDS(on) max
ID
TA = +25°C
Q2
40V
24mΩ @ VGS = 10V
6.9A
32mΩ @ VGS = 4.5V
6.0A
Q1
-40V
45mΩ @ VGS = -10V
-5.1A
55mΩ @ VGS = -4.5V
-4.5A
Description
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
DC-DC Converters
Power Management Functions
Backlighting
Features and Benefits
Low Input Capacitance
Low On-Resistance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish – Matte Tin annealed over Copper leadframe
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMC4047LSD-13
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free. 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
S2
D1
S1
D2
G1
G2
D2
D1
TOP VIEW
Internal Schematic
e3
N-Channel MOSFET
P-Channel MOSFET
D2
S2
G2
D1
S1
G1
1
4
8
5
C4047SD
WW
YY
1
4
8
5
C4047SD
WW
YY
= Manufacturer’s Marking
C4047SD = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Year (ex: 13 = 2013)
WW = Week (01 - 53)
YY = Date Code Marking for SAT (Shanghai Assembly/ Test site)
YY = Date Code Marking for CAT (Chengdu Assembly/ Test site)
Chengdu A/T Site
Shanghai A/T Site


Similar Part No. - DMC4047LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC4047LSD DIODES-DMC4047LSD_15 Datasheet
362Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - DMC4047LSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 3
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 6
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 2
DMC2041UFDB DIODES-DMC2041UFDB Datasheet
659Kb / 10P
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
February 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com