Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC35681FSG Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # TC35681FSG
Description  TC35680FSG-002/TC35681FSG-002 Bluetooth® Low Energy IC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC35681FSG Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button TC35681FSG Datasheet HTML 10Page - Toshiba Semiconductor TC35681FSG Datasheet HTML 11Page - Toshiba Semiconductor TC35681FSG Datasheet HTML 12Page - Toshiba Semiconductor TC35681FSG Datasheet HTML 13Page - Toshiba Semiconductor TC35681FSG Datasheet HTML 14Page - Toshiba Semiconductor TC35681FSG Datasheet HTML 15Page - Toshiba Semiconductor TC35681FSG Datasheet HTML 16Page - Toshiba Semiconductor TC35681FSG Datasheet HTML 17Page - Toshiba Semiconductor TC35681FSG Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
TC35680FSG-002/TC35681FSG-002
14
2019-04-04
2.4. List of Functions of GPIO Pins
Some GPIO pins are used as multiplexed function pins. They have multiple functions such as a serial interface and others as well
as a general-purpose I/O. The basic setting of the assignment of the function is done at boot timing by the built-in firmware program
in the mask ROM. After boot up, a user application or a proper command from the host CPU can set expected functions to the
corresponding GPIO pins.
Table 2-2 shows the status of each GPIO pin before the built-in firmware finishes the boot setting. And the functions which can be
assigned to each GPIO by a user application program are shown in the same table. Unused pins can be open. “Disable” in the table
means that both the input and output functions are disabled.
Some examples of the function setting are shown in Table 2-3.
Since it is not possible to assign one function to multiple GPIO pins simultaneously, care should be taken in function assignment for
GPIO pins.
For details of the GPIO function, refer also to Section 4.6.
Table 2-2 Multiple functions of GPIO
Pin name
(Function 0)
I/O function/Pin status
Function 1
Function 2
Function 3
Function 4
ADC
During reset
Boot setting
GPIO0
Disable/Hi-Z
—
—
—
—
—
GPIO1
(Note 1)
Disable/
Pull-up
Input/Pull-up
or
Input/Pull-down
(Note 2)
—
—
—
—
—
GPIO2
Disable/Pull-up
PWM1 output
—
—
—
—
GPIO3
Disable/Hi-Z
PWM2 output
SPI-DOUT1
output
—
—
ADC1
input
GPIO4
Disable/Hi-Z
PWM3 output
SPI-DIN1
input
—
—
ADC2
input
GPIO5
Disable/Pull-up (Note 3)
UART1-TX output
—
—
—
—
GPIO6
Disable/Pull-up (Note 4)
UART1-RX input
—
—
—
—
GPIO7
Disable/Pull-up (Note 5)
I2C-SCL1
input and output
—
SPI-SCS1
input and output
UART1-RTSX
output
—
GPIO8
Disable/Pull-up (Note 5)
I2C-SDA1
input and output
—
SPI-SCLK1
output
UART1-CTSX
input
—
GPIO9
Disable/Hi-Z
I2C-SCL2
input and output
—
—
—
ADC3
input
GPIO10
Disable/Hi-Z
I2C-SDA2
input and output
—
—
—
ADC4
input
GPIO11
Disable/Pull-up
I2C-SCL2
input and output
SPI-DOUT2
output
—
—
—
GPIO12
Disable/Pull-up
I2C-SDA2
input and output
SPI-DIN2
input
—
—
—
GPIO13
Disable/Pull-up
UART1-RTSX
output
PWM0
output
SPI-SCS2
input and output
UART2-RTSX
output
—
GPIO14
Disable/Hi-Z
UART1-CTSX
input
SLEEPCLK
output
SPI-SCLK2
output
UART2-CTSX
input
ADC5
input
GPIO15
Disable/Hi-Z
—
—
—
—
—
GPIO16
Disable/Pull-up
UART2-TX output
—
—
—
—
GPIO17
Disable/Pull-up
UART2-RX input
—
—
—
—
Note 1: This pin is used to switch an operating mode at the reset deassertion.
Note 2: “Input/Pull-up” in the User-App mode, and “Input/Pull-down” in the HCI mode or the Complete mode.
Note 3: “Disable/Pull-up” in the User-App mode, and “Output” in the HCI mode and the Complete mode. Function 1 is assigned.
Note 4: “Disable/Pull-up” in the User-App mode, and “Input/Pull-up” in the HCI mode and the Complete mode. Function 1 is assigned.
Note 5: When TC35681 is used, Function 1 is assigned in the User-App mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com