Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM431J Datasheet(PDF) 1 Page - EnOcean GmbH.

Part # STM431J
Description  Sensor Transmitter Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENOCEAN [EnOcean GmbH.]
Direct Link  https://www.enocean.com/
Logo ENOCEAN - EnOcean GmbH.

STM431J Datasheet(HTML) 1 Page - EnOcean GmbH.

  STM431J Datasheet HTML 1Page - EnOcean GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATA SHEET
Scavenger Transmitter Module
STM 431J (STEPCODE: DE and later)
© 2019 EnOcean | www.enocean.com
Subject to modifications | July 2019
Features Overview
Power supply
Pre-installed solar cell
Antenna
Helix antenna (STM 43XJ)
Frequency
928.35 MHz
Conducted Output Power
typ. 0 dBm
Data rate / Modulation type
125 kbps FSK
Start-up time with empty energy storage
typ. <2.5 min @ 400 lux, 25 °C
Operation time in darkness @25°C1
min. 10 days, if energy storage fully charged 1
Input Channels
Internal: temperature sensor, LRN button
External via 20 pin connector: occupancy button, set point dial, HSM 100
Temperature sensor
Measurement range 0-40 °C, resolution 0.16 K
Accuracy typ. ±0.5 K between 17 °C and 27 °C, typ. ±1 K between 0 °C and 40°C
Transmission indicator
1x LED
EnOcean Equipment profiles
configurable EEPs: A5-02-05, A5-10-05, A5-10-03
and with HSM 100: A5-04-01, A5-10-10, A5-10-12
Module dimensions
43 x 16 x 8 mm
Operating temperature1
-20 up to +60 °C
Security Level Format
24-bit RLC, RLC tx, 3-byte CMAC, VAES encryption
1
At default configuration (wake-up cycle 100 s, transmission cycle 1000 s).
Sensor Transmitter Module
STM 431J
The extremely power saving RF transmitter
modules STM 431J of EnOcean are optimized
for realization of wireless and maintenance
free temperature sensors, or room operat-
ing panels including set point dial and occu-
pancy button with a minimum number of
external components. The modules provide
an integrated calibrated temperature sen-
sor.
Functional Principle
Power supply is provided by a small solar cell, an
external energy harvester, or an external 3V
battery. An energy storage element is installed to
bridge periods with no supply from the energy
harvester. The module provides a user configura-
ble cyclic wake up.
After wake up a radio telegram will be transmit-
ted in case of a significant change of measured
temperature or set point values or if the external
occupancy button is pressed.
The firmware can be configured to use different
EEPs / GPs according to the availability set point
dial and occupancy button.
STM 431J modules also support the plug-in hu-
midity sensor module HSM 100. The module can
be switched to enhanced security mode with en-
crypted communication.
Type
STM 431J
Ordering Code
S3061-D431


Similar Part No. - STM431J

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
STM400J ENOCEAN-STM400J Datasheet
259Kb / 2P
Scavenger Transceiver Module
November 2017
logo
STMicroelectronics
STM401-2 STMICROELECTRONICS-STM401-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
STM401-2 STMICROELECTRONICS-STM401-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
STM426-2 STMICROELECTRONICS-STM426-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
STM426-2 STMICROELECTRONICS-STM426-2 Datasheet
33Kb / 3P
RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS
More results

Similar Description - STM431J

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
DR4001 RFM-DR4001 Datasheet
102Kb / 2P
Transmitter Module
logo
List of Unclassifed Man...
MO-TX4915-F ETC-MO-TX4915-F Datasheet
192Kb / 4P
FSK TRANSMITTER MODULE
MKT5 ETC2-MKT5 Datasheet
235Kb / 5P
FM Transmitter Module
54127 ETC2-54127 Datasheet
123Kb / 3P
AM TRANSMITTER MODULE
logo
Dorji Industrial Group ...
DRF5150S DORJI-DRF5150S Datasheet
251Kb / 10P
Wireless Sensor Transmitter Module
logo
Pepperl+Fuchs Inc.
UBE15M-F54-H1-V1 PF-UBE15M-F54-H1-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-F54-H2-V1 PF-UBE15M-F54-H2-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-H1 PF-UBE15M-H1 Datasheet
501Kb / 4P
Ultrasonic sensor, transmitter
logo
EnOcean GmbH.
STM330 ENOCEAN-STM330 Datasheet
220Kb / 1P
Sensor Transmitter Module
May 2019
STM332U ENOCEAN-STM332U Datasheet
220Kb / 1P
Sensor Transmitter Module
May 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com