Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8770SIFT Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8770SIFT
Description  24-bit, 192kHz 8-Channel Codec with Volume Control
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8770SIFT Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8770SIFT Datasheet HTML 44Page - Wolfson Microelectronics plc WM8770SIFT Datasheet HTML 45Page - Wolfson Microelectronics plc WM8770SIFT Datasheet HTML 46Page - Wolfson Microelectronics plc WM8770SIFT Datasheet HTML 47Page - Wolfson Microelectronics plc WM8770SIFT Datasheet HTML 48Page - Wolfson Microelectronics plc WM8770SIFT Datasheet HTML 49Page - Wolfson Microelectronics plc WM8770SIFT Datasheet HTML 50Page - Wolfson Microelectronics plc WM8770SIFT Datasheet HTML 51Page - Wolfson Microelectronics plc WM8770SIFT Datasheet HTML 52Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
Production Data
WM8770
w
PD Rev 4.1 June 2005
49
AIN1L
10K
10uF
AIN2L
10K
10uF
AIN3L
10K
10uF
AIN7L
10K
10uF
AIN8L
10K
10uF
AIN1R
10K
10uF
AIN2R
10K
10uF
AIN3R
10K
10uF
AIN7R
10K
10uF
AIN8R
10K
10uF
SOURCE
SELECTOR
INPUTS
AINVGR
AINOPR
5K
AINVGL
AINOPL
5K
EXTERNAL CIRCUIT CONFIGURATION
In order to allow the use of 2V rms and larger inputs to the ADC and AUX inputs, a structure is used
that uses external resistors to drop these larger voltages. This also increases the robustness of the
circuit to external abuse such as ESD pulse.
Figure 40 shows the ADC input multiplexor circuit with external components allowing 2Vrms inputs to
be applied.
Figure 40 ADC Input Multiplexor Configuration
Figure 41 Shows the 5.1Channel Input Multiplexor Configuration
SYSTEM
AUX 5.1
LINE INPUTS
4K
MX1[1]
MX1[0]
MX1[2]
4K
4K
4K
DAC1L/R
BYPASSL/R
AUX1L/R
4K
MX2[1]
MX2[0]
4K
4K
DAC2L/R
DAC3L/R
10uF
10uF
AUX2L/R
10uF
AUX3L/R
4K
MX3[1]
MX3[0]
4K
4K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com