Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9721 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STAC9721
Description  Stereo AC 97 Codec With Multi-Codec Option
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9721 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STAC9721 Datasheet HTML 1Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 2Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 3Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9721 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1
04/07/00
DATA SHEET
SigmaTel, Inc.
Integrating Mixed-Signal Solutions
STAC9721/23
Stereo AC'97 Codec
With Multi-Codec Option
GENERAL DESCRIPTION:
SigmaTel’s STAC9721/23 is a general-purpose 18-bit stereo, full duplex, audio codec that conforms to
the analog component specification of AC'97 (Audio Codec 97 Component Specification Rev. 2.1). The
STAC9721/23 incorporates SigmaTel’s proprietary Sigma-Delta technology to achieve a DAC SNR in
excess of 95dB. The DACs, ADCs, and mixer are integrated with analog I/Os, which include four analog
line-level stereo inputs, two analog line-level mono inputs, two stereo outputs, and one mono output
channel. Also included are SigmaTel’s 3D stereo enhancement (SS3D), and an extra true line-level out
for headphones or speaker amplifiers. The STAC9721/23 may be used as a secondary codec, with the
STAC9700/04/07/44/45 or a 4-channel STAC9708 as the primary, in multiple codec configurations
conforming to the AC'97 Rev. 2.1 specification. This configuration can provide up to six-channel output,
providing AC-3 playback for DVD applications. The STAC9721/23 communicates via the five-wire AC-
Link interface with any AC-Link capable controller or advanced core logic chip-set.
Packaged in an
AC'97 compliant 48-pin TQFP, the STAC9721/23 can be placed on motherboards, daughter boards, add-
on cards or AMR/MDC cards.
FEATURES:
High performance
ΣΣΣΣ∆∆∆∆ technology
Energy saving power down modes
18-bit full duplex stereo ADC, DACs
AC-Link protocol compliance
3.3V Multiple power supply options
Pin compatible with the STAC9700/44/45
SigmaTel Surround (SS3D) Stereo Enhancement
EAPD – External Amplifier Power Down Control
Multi-Codec option (Intel AC'97 rev 2.1)
Six analog line-level inputs
48-pin TQFP
LINE-to-LINE SNR 102dB
The STAC9723 is tested at +3.3V
ORDERING INFORMATION:
PART
NUMBER
PACKAGE
TEMPERATURE
RANGE
SUPPLY RANGE
STAC9721T
48-pin TQFP 7mm x7mm x 1.4mm
0o C to +70o C
DVdd = 3.3V or 5V, AVdd = 5V
STAC9723T
48-pin TQFP 7mmx7mm x 1.4mm
0o C to +70o C
DVdd = 3.3V, AVdd = 3.3V
SigmaTel reserves the right to change specifications without notice


Similar Part No. - STAC9721

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
STAC9704T HYNIX-STAC9704T Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
STAC9707 HYNIX-STAC9707 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
STAC9707T HYNIX-STAC9707T Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
Multi-Channel AC97 Codec With Multi-Codec Option
More results

Similar Description - STAC9721

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
Multi-Channel AC97 Codec With Multi-Codec Option
logo
Analog Devices
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
AC 97 SoundMAX Codec
1/05-Rev. 0 to Rev. A
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
AC 97 SoundMAX Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
AC 97 SoundPort Codec
REV. 0
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
AC 97 SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com