Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C9X760ACLEX Datasheet(PDF) 18 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 18 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 14Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 15Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 16Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 17Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 18Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 19Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 20Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 21Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 22Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
18
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Table 7. Baud rates using a 14.74926 MHz crystal
Desired baud rate (bit/s)
Divisor used to generate
16x clock
Sample rate
Percent error difference
between desired and actual
38400
24
16
0.025
56000
11
24
0.235
57600
16
16
0.025
115200
8
16
0.025
153600
6
16
0.025
921600
1
16
0.025
Table 8. Baud rates using a 24 MHz crystal
Desired baud rate (bit/s)
Divisor used to generate
16x clock
Sample rate
Percent error difference
between desired and actual
4800
250
20
0
7200
159
21
0.17
25000
48
20
0
38400
25
25
0
57600
22
19
0.32
115200
8
26
0.16
225000
6
18
1.2
400000
3
20
0
921600
1
26
0.16
1000000
1
24
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com