Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS314 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CTS314
Description  1.0A MOSFET/IGBT Gate Driver Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS314 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CTS314 Datasheet HTML 1Page - CT Micro International Corporation CTS314 Datasheet HTML 2Page - CT Micro International Corporation CTS314 Datasheet HTML 3Page - CT Micro International Corporation CTS314 Datasheet HTML 4Page - CT Micro International Corporation CTS314 Datasheet HTML 5Page - CT Micro International Corporation CTS314 Datasheet HTML 6Page - CT Micro International Corporation CTS314 Datasheet HTML 7Page - CT Micro International Corporation CTS314 Datasheet HTML 8Page - CT Micro International Corporation CTS314 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.3
ALL RIGHTS RESERVED.
Page 4
Nov, 2022
CTS314
1.0A MOSFET/IGBT Gate Driver Optocoupler
Electrical Characteristics
Over recommended operating conditions TA =
–40 to 100 °C. Typical values are measured at V
CC=30V, VEE= GND, TA = 25
0C(unless
otherwise stated)
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
High to Low Propagation Delay
Rg = 47Ω, Cg = 3 nF,
f = 10 kHz, Duty = 50%,
IF = 10mA,
VCC = 30V
100
160
300
ns
TPLH
Low to High Propagation Delay
100
130
300
ns
PWD
Pulse Width Distortion
-
30
-
ns
PDD
Propagation Delay Difference
Between Any Two Parts or
Channels
-100
-
100
ns
tr
Rise Time
-
20
100
ns
tf
Fall Time
-
20
100
ns
|CMH|
Common Mode Transient High
VCC= 30V,
TA= 250C,
VCM= 1.5kV
IF= 7.5mA
25
-
-
kV/µs
|CML|
Common Mode Transient Low
IF= 0mA
25
-
-
kV/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com