Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTS314 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CTS314
Description  1.0A MOSFET/IGBT Gate Driver Optocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS314 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CTS314 Datasheet HTML 1Page - CT Micro International Corporation CTS314 Datasheet HTML 2Page - CT Micro International Corporation CTS314 Datasheet HTML 3Page - CT Micro International Corporation CTS314 Datasheet HTML 4Page - CT Micro International Corporation CTS314 Datasheet HTML 5Page - CT Micro International Corporation CTS314 Datasheet HTML 6Page - CT Micro International Corporation CTS314 Datasheet HTML 7Page - CT Micro International Corporation CTS314 Datasheet HTML 8Page - CT Micro International Corporation CTS314 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.3
ALL RIGHTS RESERVED.
Page 2
Nov, 2022
CTS314
1.0A MOSFET/IGBT Gate Driver Optocoupler
Absolute Maximum Ratings T
A = 25°C, unless otherwise specified
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at
these or any other conditions in excess of those given in the operational sections of this document. In addition, extended exposure to stresses above
the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage (AC, 1 minute, 40 ~ 60% R.H.)
5000
VRMS
1
TOPR
Operating temperature
-40 ~ +100
0C
TSTG
Storage temperature
-55 ~ +125
0C
TSOL
Soldering temperature
(For 10 seconds)
260
0C
2
PT
Total Power Dissipation
300
mW
Emitter
IF
Forward current
25
mA
IFP
Peak forward current (50% duty, 1ms P.W)
1
A
VR
Reverse voltage
5
V
Detector
PO
Output Power dissipation
250
mW
VO(PEAK)
Peak Output Voltage
35
V
3
IOPH
Output High Peak Current
1
A
4
IOPL
Output Low Peak Current
1
A
4
VCC
Supply voltage
35
V
Notes
1.
AC for 1 minute, RH = 40 ~ 60%.
2.
For 10 second peak
3.
The
VO(PEAK) voltage CAN NOT BE high than VCC.
4.
The IO maximum pulse width = 10 us, maximum duty cycle = 0.2%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com