Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND512-B Datasheet(PDF) 32 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 28Page - STMicroelectronics NAND512-B Datasheet HTML 29Page - STMicroelectronics NAND512-B Datasheet HTML 30Page - STMicroelectronics NAND512-B Datasheet HTML 31Page - STMicroelectronics NAND512-B Datasheet HTML 32Page - STMicroelectronics NAND512-B Datasheet HTML 33Page - STMicroelectronics NAND512-B Datasheet HTML 34Page - STMicroelectronics NAND512-B Datasheet HTML 35Page - STMicroelectronics NAND512-B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
32/59
Automatic Page 0 Read at Power-Up
The 3V devices (NANDxxxWxB) feature Automat-
ic Page 0 Read at Power-Up, which allows the mi-
crocontroller to directly download boot code from
page 0, without requiring any command or ad-
dress input sequence. The Automatic Page 0
Read feature is particularly suited for applications
that boot from the NAND.
The 1.8V devices (NANDxxxRxB) do not have the
Automatic Page 0 Read at Power-Up feature.
Automatic Page 0 Read Description. At power-
up, once the supply voltage has reached the
threshold level, VDDth, all digital outputs revert to
their reset state and the internal NAND device
functions (reading, writing, erasing) are enabled.
The PRL pin activates the Automatic Page 0 Read
function. When PRL is High at power-up, the de-
vice automatically switches to read mode where,
as in any read operation, the device is busy for a
time tBLBH1 during which data is transferred to the
Page Buffer. Once the data transfer is complete
the Ready/Busy signal goes High. The data can
then be read out sequentially on the I/O bus by
pulsing the Read Enable, R, signal.
Figure 18. shows the power-up waveforms for de-
vices featuring the Automatic Page Read option.
For details on how to order this option, refer to Ta-
ble 31., Ordering Information Scheme.
Figure 18. Automatic Page 0 Read at Power-Up
Note: 1. VDDth is equal to 2.5V for 3V Power Supply devices and to 1.5V for 1.8V Power Supply devices.
VDD
W
E
AL
CL
RB
R
I/O
tBLBH1
Data1
Data2
Data3
Last
Data
Busy
Data Output
VDDth (1)
ai08665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com