Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND512-B Datasheet(PDF) 34 Page - STMicroelectronics

Part # NAND512-B
Description  512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND512-B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button NAND512-B Datasheet HTML 30Page - STMicroelectronics NAND512-B Datasheet HTML 31Page - STMicroelectronics NAND512-B Datasheet HTML 32Page - STMicroelectronics NAND512-B Datasheet HTML 33Page - STMicroelectronics NAND512-B Datasheet HTML 34Page - STMicroelectronics NAND512-B Datasheet HTML 35Page - STMicroelectronics NAND512-B Datasheet HTML 36Page - STMicroelectronics NAND512-B Datasheet HTML 37Page - STMicroelectronics NAND512-B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
NAND512-B, NAND01G-B, NAND02G-B, NAND04G-B, NAND08G-B
34/59
Blocks Lock-Down
The Lock-Down feature provides an additional lev-
el of protection. A Locked-down block cannot be
unlocked by a software command. Locked-Down
blocks can only be unlocked by setting the Write
Protect signal to Low for a minimum of 100ns.
Only locked blocks can be locked-down. The com-
mand has no affect on unlocked blocks.
Refer to Figure 25., Command Latch AC Wave-
forms for details on how to issue the command.
Block Lock Status
In Block Lock mode (PRL High) the Block Lock
Status of each block can be checked by issuing a
Read Block Lock Status command (see Table
10.).
The command consists of:
■
one bus cycle to give the command code
■
three bus cysles to give the block address
After this, a read cycle will then output the Block
Lock Status on the I/O pins on the falling edge of
Chip Enable or Read Enable, whichever occurs
last. Chip Enable or Read Enable do not need to
be toggled to update the status.
The Read Block Lock Status command will not be
accepted while the device is busy (RB Low).
The device will remain in Read Block Lock Status
mode until another command is issued.
If the device is not in the Block Lock mode (PRL
Low) the Block Status can be read in the Status
Register using the Read Status Register com-
mand.
Figure 20. Read Block Lock Status Operation
Note: Three address cycles are required for 2,4 and 8 Gb devices. The 512Mb and 1Gb devices only require two address cycles.
Table 16. Block Lock Status
Note: X = Don’t Care.
Status
I/O7-I/O3
I/O2
I/O1
I/O0
Locked
X
0
1
0
Unlocked
X
1
1
0
Locked-Down
X
0
0
1
Unlocked in Locked-
Down Area
X1
0
1
I/O
R
Block Address, 3 cycles
ai08669
7Ah
Read Block Lock
Status Command
Add1
Add2
Add3
Dout
Block Lock Status
tWHRL
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com