Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD12N60M2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STD12N60M2
Description  N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD12N60M2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STD12N60M2 Datasheet HTML 2Page - STMicroelectronics STD12N60M2 Datasheet HTML 3Page - STMicroelectronics STD12N60M2 Datasheet HTML 4Page - STMicroelectronics STD12N60M2 Datasheet HTML 5Page - STMicroelectronics STD12N60M2 Datasheet HTML 6Page - STMicroelectronics STD12N60M2 Datasheet HTML 7Page - STMicroelectronics STD12N60M2 Datasheet HTML 8Page - STMicroelectronics STD12N60M2 Datasheet HTML 9Page - STMicroelectronics STD12N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Figure 5. Normalized gate threshold voltage vs
temperature
T
j(°C)
I
D = 250 µA
V
GS(th)
1.00
0.90
0.80
0.70
-50
0
(norm)
1.10
50
100
AM03184v1
Figure 6. Normalized V(BR)DSS vs temperature
GIPG110515MQF1LBDV
1.08
1.04
1.00
0.96
0.92
0.88
-75
-25
25
75
125
V (BR)DSS
(norm.)
T j (°C)
I D = 1 mA
Figure 7. Static drain-source on-resistance
GIPG140520151538RID
0.415
0.405
0.395
0.385
0.375
0
2
4
6
8
10
R DS(on)
(Ω)
I D (A)
V GS = 10 V
Figure 8. Normalized on-resistance vs temperature
GIPG110515MQF1LRON
2.2
1.8
1.4
1.0
0.6
0.2
-75
-25
25
75
125
R DS(on)
(norm.)
T j (°C)
V GS = 10 V
Figure 9. Gate charge vs. gate-source voltage
GIPG140515MQ6EDQVG
12
10
8
6
4
2
0
0
4
8
12
16
V GS
(V)
Q g (nC)
V DS
V DD = 480 V
I D = 9 A
V DS
(V)
500
400
300
200
100
0
Figure 10. Capacitance variations
V
DS(V)
f = 1 MHz
C
iss
C
oss
C
rss
C
(pF)
100
10
1
0.1
0.1
1
10
100
1000
GIPG290120151705ALS
STD12N60M2
Electrical characteristics curves
DS10854 - Rev 2
page 6/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com