Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9460 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # STAC9460
Description  Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9460 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button STAC9460 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 16Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 17Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 18Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 19Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 20Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
2-9460-D1-1-0-0801
21
STAC9460/62
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PRELIMINARY
INFORMATION
8/2 4 /0 1
8.6.
Power and Ground Signals
9. PACKAGE DRAWING
SIGNAL NAME
TYPE
DESCRIPTION
AVdd
I
Analog Vdd = 5.0 V
AVss
I
Analog Gnd
DVdd
I
Digital Vdd = 5.0 V or 3.3 V
DVss
I
Digital Gnd
Table 22. Power Signal List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com