Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9460 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STAC9460
Description  Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STAC9460 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STAC9460 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9460 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
2-9460-D1-1-0-0801
9
STAC9460/62
Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
PRELIMINARY
INFORMATION
8/2 4 /0 1
5. SERIAL INTERFACE
Below is the figure for the serial interface between the STAC9460/62 and a
µC or
µP. All register settings and chip control are performed via this serial interface,
except for the address LSB.
Note: This functions as a standard 2-wire I2C compatible interface, however, the CS
(chip select) line offers address flexibility and must be either hard wired to ground or
tied to Vdd if no other chips are connected to the bus. Refer to Table 7.1.1 on page 14
for additional information.
5.1.
Clocking
The STAC9460/62 derives its clock from an externally connected clock through the
MCLK pin in combination with the Master CLocking Register, which is further
explained in section 7.1.9.
5.2.
Reset
There are two types of resets as detailed below:
•
A hard reset is achieved by driving the reset line low
•
A soft reset is achieved by writing to the Reset/Status register (00h)
By writing to the Reset/Status Register (00h) a reset for the Address Control Regis-
ter will occur. Writing any value to this register performs a register reset, which
causes all registers to revert to their default values. This soft reset will also place the
I2C state machine in a "stop" condition, and will not continue to auto-increment
through the address space. Additional information about the Address Control Reg-
ister can be found in section 7.1.12.
µC /µ P
S T A C 94 60
SD AT A
CS
SCLK
MC LK
Figure 3. Serial interface to microcontroller or microprocessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com