Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM4550 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STM4550
Description  N-Channel E nhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4550 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STM4550 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
6
F igure 11.s witching characteris tics
R g, G ateR esistance(
Ω)
100
10
1
1
610
60 100
60
600
300
600
V DS =30V ,ID=1A
VGS=10V
TD (off)
Tf
Figure 12. Maximum S afe
Operating Area
VDS , Drain-S ource Voltage (V)
50
10
1
0.1
0.03
0.1
1
10 50
80
VGS=10V
Single P ulse
TA=25 C
10m
s
100m
s
1s
DC
F igure 10. G ate C harge
Qg, T otal G ate Charge (nC)
8
10
6
4
2
0
02
6
8
12 14 16
VDS=15V
ID=5A
4
10
Figure 9. C apacitance
VDS , Drain-to S ource Voltage (V)
Ciss
Coss
900
750
600
450
300
150
0
Crss
0
510
15
20
25
30
Tr
S T M4550
TD (on)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com