Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM4550 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM4550
Description  N-Channel E nhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4550 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM4550 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM4550 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
55
N-C hannel E nhancement Mode F ield E ffect Transistor
Surface Mount P ackage.
AB S OLUTE MAXIMUM R ATING S (TA=25 C unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-S ource Voltage
VDS
V
G ate-S ource Voltage
VGS
20
V
Drain C urrent-C ontinuous @ TJ=25 C
-P ulsed
ID
1.7
2.5
A
A
A
W
IDM
Drain-S ource Diode F orward C urrent
IS
Maximum P ower Dissipation
P D
Operating J unction and S torage
Temperature R ange
TJ,TSTG
-55 to 150
C
THER MAL C HAR AC TER IS TIC S
Thermal R esistance, J unction-to-Ambient
R JA
50
/W
C
b
b
a
a
S amHop Microelectronics C orp.
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m
Ω )Max
55V
5A
50 @ V GS = 10V
70 @ V GS =4.5V
FE AT UR E S
S uper high dense cell design for low R DS (ON).
R ugged and reliable.
SO-8
1
Apr. 19. 2006
S T M4550
Drain-S ource Voltage R ating
Vspike
d
V
60
5
20


Similar Part No. - STM4550

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STM4550 DOINGTER-STM4550 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STM4550

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
N-Channel E nhancement Mode Field Effect Transistor
STU2555NL SAMHOP-STU2555NL Datasheet
868Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STU2640NL SAMHOP-STU2640NL Datasheet
895Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STU3055NL SAMHOP-STU3055NL Datasheet
814Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com