Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998C8D Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4998C8D
Description  XENSIV™ magnetic position sensorsworld’s first fully ISO 26262 compliant linear Hall sensor for high precision applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C8D Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4998C8D Datasheet HTML 1Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product brief
TLE4999I3
XENSIV™ magnetic position sensors – world’s first fully ISO 26262
compliant linear Hall sensor for high precision applications
Infineon’s new TLE4999I3 is a dual channel linear Hall sensor designed to meet the
requirements of safety critical automotive and industrial applications.
It is developed in full compliance with ISO 26262 by means of two sensor elements included
within one monolithic silicon design. In order to ensure diversity, the sensor cells are designed in a
complementary way. Their signals follow two independent analog paths. Each signal path has its
own digital signal processing unit to ensure maximum independency – redundancy, respectively.
Our XENSIV™ TLE4999I3 provides all measures that are necessary to fulfill the state-of-the-art
safety requirements on system level and furthermore enables for ASIL-D system developments
› Separate analog supply domains controlled by two regulators feed independent biasing
units for the main and sub Hall sensor elements
› Two analog-digital converters ensure the separation of the sensor signals
› The integrated digital signal processors use dedicated temperature and stress parame-
ters-stored in separated EEPROM areas – for compensation of their assigned Hall sensor
signals to minimize these effects
› Thedigitalprotocolcontainsacommon7-bitchecksumensuringerror-freedatatransmission
Simplified block diagram TLE4999I3
› Fully ISO 26262 compliant, supports
ASIL-D systems
› < 2 % sensitivity drift, < 100 µT offset
drift over temperature and life time
specification
› Integrated digital temperature- and
stress-compensation
› Fast communication protocol com-
plies with PSI5 v2.1 with a bit rate of
189 kbps
› High diagnostic coverage,
ISO 26262-compliancy and dual
sensor cell integration enable for
ASIL-D system development
› PSI5 interface saves wiring and
improves EMC behavior
› SSO-3packageenablesforflexiblead-
aptation outside printed circuit boards
› Automotivesafetycriticalapplications
› Linear movement position sensing
– Electric Power Steering (EPS)
– Pedal position
– Electrical throttle control
› Industrial safety applications
Key features
Key benefits
Key applications
www.infineon.com/linear-hall
CBUF
Sub ADC
Main ADC
Supply
Sub analog regulator
Digital regulator
Main analog regulator
PSI5
output
Sub bias
ROM 2
ROM 1
Sub T-sensing
element
Sub S-sensing
element
A
Sub
Hall
DSP 2
D
A
DSP 1
D
GND
PSI5
Main bias
EEPROM
Interface
Main T-sensing
element
Main S-sensing
element
Main
Hall


Similar Part No. - TLE4998C8D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4998C8D INFINEON-TLE4998C8D Datasheet
1Mb / 28P
High Performance Programmable Dual Linear Hall Sensor
Revision 1.0, 2014-05-21
TLE4998C8D INFINEON-TLE4998C8D Datasheet
1Mb / 27P
High Performance Programmable Single/Dual Linear Hall Sensor
Revision 1.1, 2017-01
More results

Similar Description - TLE4998C8D

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356 Datasheet
451Kb / 20P
High Precision Linear Hall-Effect Sensor
logo
ams AG
AS5403A AMSCO-AS5403A Datasheet
850Kb / 66P
3D Hall Position Sensor for Linear and Off-Axis Applications
AS5410 AMSCO-AS5410 Datasheet
610Kb / 56P
3D-Hall Absolute Linear Position Sensor
logo
Allegro MicroSystems
A1356 ALLEGRO-A1356_16 Datasheet
438Kb / 20P
High Precision Linear Hall-Effect Sensor IC High Precision Linear Hall-Effect Sensor IC
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
Micronas
HAL15XY MICRONAS-HAL15XY Datasheet
124Kb / 2P
First ISO 26262 Compliant Low-Power Hall Switch
logo
JOY-IT
KY-024 JOY-IT-KY-024 Datasheet
229Kb / 7P
Linear magnetic Hall Sensor
logo
Infineon Technologies A...
TLE4973-XE35X5-S0001 INFINEON-TLE4973-XE35X5-S0001 Datasheet
888Kb / 31P
XENSIV™ high accuracy coreless current sensor for external current rail applications
Rev. 2.0.0 2023-07-04
logo
List of Unclassifed Man...
49E ETC2-49E Datasheet
512Kb / 4P
49E Hall-Effect Linear Position Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com