Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4998C8D Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4998C8D
Description  XENSIV™ magnetic position sensorsworld’s first fully ISO 26262 compliant linear Hall sensor for high precision applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C8D Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4998C8D Datasheet HTML 1Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product brief
TLE4999I3
XENSIV™ magnetic position sensors – world’s first fully ISO 26262
compliant linear Hall sensor for high precision applications
Package drawings explaining the benefit of Infineon’s monolithic solution, versus dual die approach, enabling for space saving leaded option
1) Maximum over drift over temperature and life time
2) Main channel/sub channel
Hall cell placement
Monolithic TLE4999I
Hall cell
Dual sensor cell
Dual die TLE4997A8D, TLE4998x8D
Sales name
Technology Interface
Magnetic
linear range
[mT]
Sensitivity
Sensitivity
drift 1)
[%]
Gain Magnetic
offset
drift 1)
[µT]
Supply volt-
age (extended
range)
ISO 26262 Ordering
code
Package
TLE4997A8D
Hall
Analog
ratiometric
50
100
200
±60 mV/mT
default for
100 mT range,
with gain 1.5
±3
±4
< ±400
5 V ±10%
(7 V)
ISO 26262
ready
SP000902760
TDSO-8
TLE4998P8D
Hall
Digital
Interface
PWM
50
100
200
±48 LSB12/mT
default for
100 mT range,
with gain 1.5
±2
±4
< ±400
5 V ±10%
(16 V)
ISO 26262
ready
SP000902776
TDSO-8
TLE4998S8D
Hall
Digital
Interface
SENT
SP000902784
TLE4998C8D
Hall
Digital
Interface
SPC
SP000902768
TLE4999I3
Hall
Digital
Interface
PSI5
12.5
25
±147.5
LSB13/mT
default for
25 mT range
with gain 1
±2
±5
< ±100 /
< ±200 2)
5.5-7.0 V ±10%
(16.5 V)
ISO 26262
compliant SP001689862
SSO-3-12
Published by
Infineon Technologies AG
81726 Munich, Germany
© 2019 Infineon Technologies AG.
All Rights Reserved.
Order Number: B142-I0820-V1-7600-EU-EC-P
Date: 05/2019
Please note!
THIS DOCUMENT IS FOR INFORMATION PURPOSES ONLY AND
ANY INFORMATION GIVEN HEREIN SHALL IN NO EVENT BE
REGARDED AS A WARRANTY, GUARANTEE OR DESCRIPTION OF
ANY FUNCTIONALITY, CONDITIONS AND/OR QUALITY OF OUR
PRODUCTS OR ANY SUITABILITY FOR A PARTICULAR PURPOSE.
WITH REGARD TO THE TECHNICAL SPECIFICATIONS OF OUR
PRODUCTS, WE KINDLY ASK YOU TO REFER TO THE RELEVANT
PRODUCT DATA SHEETS PROVIDED BY US. OUR CUSTOMERS AND
THEIR TECHNICAL DEPARTMENTS ARE REQUIRED TO EVALUATE
THE SUITABILITY OF OUR PRODUCTS FOR THE INTENDED
APPLICATION.
WE RESERVE THE RIGHT TO CHANGE THIS DOCUMENT AND/OR
THE INFORMATION GIVEN HEREIN AT ANY TIME.
Additional information
For further information on technologies, our products, the
application of our products, delivery terms and conditions
and/or prices, please contact your nearest Infineon Technologies
office (www.infineon.com).
Warnings
Due to technical requirements, our products may contain
dangerous substances. For information on the types in question,
please contact your nearest Infineon Technologies office.
Except as otherwise explicitly approved by us in a written
document signed by authorized representatives of Infineon
Technologies, our products may not be used in any life-
endangering applications, including but not limited to medical,
nuclear, military, life-critical or any other applications where a
failure of the product or any consequences of the use thereof
can result in personal injury.
2.03
0.9 max.
0.47
Hall cell
Hall cell
Sub
Hall
Main
Hall
Branded side
±0.05
12
3
Infineon ISO S26262 dual channel linear Hall product portfolio



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com