Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNT2030 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VCNT2030
Description  Reflective Optical Sensor With VCSEL and Transistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNT2030 Datasheet(HTML) 8 Page - Vishay Siliconix

  VCNT2030 Datasheet HTML 1Page - Vishay Siliconix VCNT2030 Datasheet HTML 2Page - Vishay Siliconix VCNT2030 Datasheet HTML 3Page - Vishay Siliconix VCNT2030 Datasheet HTML 4Page - Vishay Siliconix VCNT2030 Datasheet HTML 5Page - Vishay Siliconix VCNT2030 Datasheet HTML 6Page - Vishay Siliconix VCNT2030 Datasheet HTML 7Page - Vishay Siliconix VCNT2030 Datasheet HTML 8Page - Vishay Siliconix VCNT2030 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
VCNT2030
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 02-Sep-2022
8
Document Number: 80223
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE AND REEL DIMENSIONS in millimeters
3000 pcs/reel
Drawing No.: 9.800-5149.01-4
Issue: 1; 05.12.2019
Non tolerated dimensions ± 0.1 mm
A
Ø178
8.4
Ø13
14.4
Lable posted here
Unreel direction
Reel design is representative for different types
Empty
leader
400
mm
min.
(empty
trailer
200
mm
min.)
4.00 ± 0.1
2.00 ± 0.05
4.00 ± 0.1
Ø1.00
+0.1
-0
Ø1.50
+0.1
-0
0.25 ± 0.02
2.15 ± 0.1
1.48 ± 0.1
0.77 ± 0.07
1.75 ± 0.1
DIE#2
DIE#2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com